Electronic Components Datasheet Search
  English  ▼

X  

HM85 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM85
Description  Surface Mount Common Mode Chokes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM85 Datasheet(HTML) 1 Page - TT Electronics.

  HM85 Datasheet HTML 1Page - TT Electronics. HM85 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
OperatingTemperatureRange-40°Cto+125°C
AmbientTemperature,Maximum+80°C
TemperatureRise,Maximum45°C
RoHSCompliant
Surface Mount
Common Mode Chokes
MODEL HM85
Magnetics
Schematics
Specifications@25°C
Notes: (1) Inductance is measured at 100kHz, 0.1Vrms.
(2) It is recommended that the temperature of the component (ambient plus temperature rise) does not exceed 125°C under
worstcaseoperatingconditions.
Part
Number
Inductance
(1-4 or 2-3)
mH
±30%
Rated
Current
Amps
DC
Resistance
mΩMax.
Case Size
Height
mm
Max.
HM85-32261LF
0.26
3.0
15.5
STM32
5.6
HM85-37501LF
0.50
2.2
50.0
STM37
8.3
HM85-37102LF
1.00
1.8
70.0
STM37
8.3
HM85-37152LF
1.50
1.5
100.0
STM37
8.3
HM85-37103LF
10.0
1.0
450
STM37
8.3
HM85-37223LF
22.0
0.5
850
STM37
8.3
HM85-44151LF
0.15
5.6
10.0
STM44
9.3
HM85-50221LF
0.22
3.7
30.0
STM50
10.0
HM85-50591LF
0.59
5.6
18.5
STM50
10.0
HM85-50771LF
0.77
4.7
40.0
STM50
10.0
HM85-50102LF
1.00
3.2
55.0
STM50
10.0
HM85-50132LF
1.30
3.0
60.0
STM50
10.0
HM85-50152LF
1.50
2.4
90.0
STM50
10.0
HM85-50302LF
3.00
2.0
120.0
STM50
10.0
Standard:
Embossed Tape and Reel
Reel:
Diameter:
=
13” (330.2mm)
Capacity:
Case size STM32
=
500 Units
Case size STM37
=
200 Units
Case size STM44
=
200 Units
Case size STM50
=
150 Units
Packaging
GeneralNote
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
© TT Electronics plc
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur


Similar Part No. - HM85

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM85 BITECH-HM85 Datasheet
279Kb / 2P
Magnetics Surface Mount Common Mode Chokes
HM85-32261LF BITECH-HM85-32261LF Datasheet
279Kb / 2P
Magnetics Surface Mount Common Mode Chokes
HM85-37102LF BITECH-HM85-37102LF Datasheet
279Kb / 2P
Magnetics Surface Mount Common Mode Chokes
HM85-37103LF BITECH-HM85-37103LF Datasheet
279Kb / 2P
Magnetics Surface Mount Common Mode Chokes
HM85-37152LF BITECH-HM85-37152LF Datasheet
279Kb / 2P
Magnetics Surface Mount Common Mode Chokes
More results

Similar Description - HM85

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM67 BITECH-HM67 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
Bothhand USA, LP.
BCM-9012 BOTHHAND-BCM-9012 Datasheet
71Kb / 1P
SURFACE MOUNT COMMON MODE CHOKES
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
XF0013-CMC1 XFMRS-XF0013-CMC1 Datasheet
195Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com