Electronic Components Datasheet Search
  English  ▼

X  

HM88 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM88
Description  High Current Low Loss Sendust Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM88 Datasheet(HTML) 2 Page - TT Electronics.

  HM88 Datasheet HTML 1Page - TT Electronics. HM88 Datasheet HTML 2Page - TT Electronics. HM88 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
125
Case Size Fig.
A
B
C
D
E
F
G
H
I
J
K
1009
1
10.5
9.5
5.6
4.8
1.7
6.0
8.0
2.0
6.0
2.6
3.0
1412
2
14.0
12.1
6.5
5.3
2.3
8.5
12.5
5.3
8.6
2.7
3.6
Electrical Characteristics @ 25°C
Outline Dimensions (mm)
Figure 2
Figure 1
Top View
Top View
Bottom View
Bottom View
Recommended Solder Pad Layout



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com