Electronic Components Datasheet Search
  English  ▼

X  

HM100 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM100
Description  High Current Low Profile Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM100 Datasheet(HTML) 1 Page - TT Electronics.

  HM100 Datasheet HTML 1Page - TT Electronics. HM100 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
127
HM100-251R0LF
1.0
70
55
62
0.6
0.9
HM100-251R5LF
1.5
45
40
62
0.6
0.9
HM100-252R0LF
2.0
35
30
62
0.6
0.9
Specifications
Rated Current(2)
Heating
DC Resistance(4)
Part
Inductance(1)
(A)
Current(3)
mW
mW
Number
µH ± 20%
25°C
130
°C
(A)
Typ.
Max.
• Operating Temperature Range
-40°C to +130°C
• InsulationSystem
ClassF,155°C
• AmbientTemperature,Maximum
85°C
• OperatingFrequency
Upto1MHz
HM100
Electrical / Environmental
HighCurrentLowProfileSurfaceMountInductors
Notes: (1) Inductanceismeasuredat100kHz,0.1VacwithoutDCcurrent.
(2) Theratedcurrentistheapproximatecurrentatwhichinductancewillbedecreasedby20%fromitsinitial(zeroDC)value.
(3)HeatingCurrentistheDCcurrentwhichcausestheinductortemperaturetoincreasebyapproximately40°C.
(4) DCresistanceismeasuredat25°C.
Outline Dimensions (mm)
Top View
Side View
Recommended Solder Pad Layout
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros.
For values below 10µH, ‘R’ denotes the
decimal point.
Model Series
Case Size
Tape & 13” Reel
(150 Units/Reel)
Lead-Free
HM100 - 25 1R0 LF TR13
RoHS
Compliant


Similar Part No. - HM100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM100 ETC1-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM100 BITECH-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Shenzhen Huazhimei Semi...
HM100 HMSEMI-HM100 Datasheet
713Kb / 8P
QC2.0 Interface Module
logo
List of Unclassifed Man...
HM100-251R0 ETC1-HM100-251R0 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM100-251R0 BITECH-HM100-251R0 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
More results

Similar Description - HM100

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM69 BITECH-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM100 ETC1-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM65 ETC2-HM65 Datasheet
342Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
High Current Low Profile Surface Mount Inductors
HM74 BITECH-HM74 Datasheet
49Kb / 3P
High Frequency High Current Low Profile Surface Mount Inductors
HM100 BITECH-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM69 BITECH-HM69_15 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM36 TTELEC-HM36 Datasheet
578Kb / 2P
High Current Low Profile Low Loss Ferrite Surface Mount Inductors
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
High Current Low Profile Surface Mount Inductors
HM69 TTELEC-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com