Electronic Components Datasheet Search
  English  ▼

X  

HM72A-06220LF Datasheet(PDF) 2 Page - TT Electronics.

Part # HM72A-06220LF
Description  High Power High Performance Molded Surface Mount Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM72A-06220LF Datasheet(HTML) 2 Page - TT Electronics.

  HM72A-06220LF Datasheet HTML 1Page - TT Electronics. HM72A-06220LF Datasheet HTML 2Page - TT Electronics. HM72A-06220LF Datasheet HTML 3Page - TT Electronics. HM72A-06220LF Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Power High Performance
Molded Surface Mount Inductors
Model HM72A Series
Make Possible
Specifications@25°C(Continued)
ElectricalCharacteristics@25°C
Part Number
Inductance, Lo
@ 100 kHz, 0Adc (μH)
Heating
Current(1)
(Adc)
I
sat
(2)
(Adc)
DC Resistance (mΩ)
Height C
(mm)
Figure
Min.
Typ.
Max.
Typ.
Max.
HM72A-122R2LF
1.76
2.20
2.64
17.0
32
5.00
5.50
5.0
2
HM72A-123R3LF
2.64
3.30
3.96
15.0
32
7.70
9.20
5.0
3
HM72A-124R7LF(3)
3.76
4.70
5.64
10.7
27(3)
12.80
15.00
5.0
3
HM72A-12100LF
8.00
10.00
12.00
8.3
16
21.40
25.50
5.0
3
HM72A-12R15HLF
0.12
0.15
0.18
56.0
11
8 0.53
0.60
6.5
2
HM72A-12R33HLF
0.26
0.33
0.40
44.8
65
0.83
0.90
6.5
2
HM72A-12R40HLF
0.32
0.40
0.48
43.0
64
0.90
1.00
6.5
2
HM72A-12R47HLF
0.38
0.47
0.56
40.8
63
1.00
1.20
6.5
2
HM72A-12R68HLF
0.54
0.68
0.82
34.5
60
1.40
1.60
6.5
2
HM72A-121R0HLF
0.80
1.00
1.20
31.0
49
1.70
2.00
6.5
2
HM72A-121R5HLF
1.20
1.50
1.80
25.8
45
2.50
3.00
6.5
2
HM72A-122R2HLF
1.76
2.20
2.64
22.0
40
3.50
3.85
6.5
2
HM72A-123R3HLF
2.64
3.30
3.96
19.0
35
5.50
6.80
6.5
3
HM72A-124R7HLF(3)
3.76
4.70
5.64
15.0
30(3)
7.20
7.92
6.5
3
HM72A-126R8HLF
5.44
6.80
8.12
11.3
16.5
13.10
14.00
6.5
3
HM72A-12100HLF(3)
8.00
10.00
12.00
9.9
15.5(3)
18.00
19.20
6.5
2
HM72A-12200HLF
16.00
20.00
24.00
6.7
13.0
37.00
40.50
6.5
2
Notes :
(1) The heating current is the DC current which causes the component temperature to increase by approximately 50°C.
This current is determined by soldering the component on a typical application PCB, and then applying the current to the device for 30 minutes.
(2) The saturation current (Isat) is the approximate current at which the inductance will be decreased by 20% typical from its initial (zero DC) value.
(3) The saturation current (Isat) of HM72A-124R7LF, HM72A-124R7HLF and HM72A-12100HLF is the approximate current at which the inductance will be decreased by 30% typical from its initial
(zero DC) value.
Inductance vs. Current Characteristics
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com