Electronic Components Datasheet Search
  English  ▼

X  

KGF1256 Datasheet(PDF) 3 Page - OKI electronic componets

Part # KGF1256
Description  Medium-Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1256 Datasheet(HTML) 3 Page - OKI electronic componets

  KGF1256 Datasheet HTML 1Page - OKI electronic componets KGF1256 Datasheet HTML 2Page - OKI electronic componets KGF1256 Datasheet HTML 3Page - OKI electronic componets KGF1256 Datasheet HTML 4Page - OKI electronic componets KGF1256 Datasheet HTML 5Page - OKI electronic componets KGF1256 Datasheet HTML 6Page - OKI electronic componets KGF1256 Datasheet HTML 7Page - OKI electronic componets KGF1256 Datasheet HTML 8Page - OKI electronic componets KGF1256 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
KGF1256B/1256
¡ electronic components
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
*1 Self-bias condition: VDD = 5±0.25 V, VG = 0 V
*2 Self-bias condition: VDD = 3 V, VG = 0 V
Item
VDS
Symbol
Condition
Max.
Unit
Drain-source voltage
Gate-source voltage
Total power dissipation
Channel temperature
VGS
Ptot
Tch
Ta = 25°C
—
7
0.4
300
150
V
V
mW
°C
Storage temperature
Tstg
—
125
°C
Min.
—
–3.0
—
—
–45
Ta = 25°C
Ta = 25°C
Drain current
IDS
Ta = 25°C
360
mA
—
Item
IGSS
Symbol
Condition
Max.
Unit
Gate-source leakage current
72
—
—
—
mA
dB
—
Min.
—
14.0
—
—
—
(*1), PIN =
–20 dBm
VGS = –3 V
Typ.
—
18.0
13.0
10.5
18.0
Linear gain
GLIN
(*2), PIN =
–20 dBm
—
—
12.5
—
—
10.0
—
16.0
18.0
Output power
PO
(*1), PIN =
5 dBm
—
dBm
—
15.5
—
—
11.5
—
—
15.0
(*2), PIN =
5 dBm
—
—
13.0
—
—
10.5
f = 850 MHz
f = 1.9 GHz
f = 850 MHz
f = 1.5 GHz
f = 1.5 GHz
f = 1.9 GHz
f = 850 MHz
f = 1.5 GHz
f = 1.9 GHz
f = 850 MHz
f = 1.5 GHz
f = 1.9 GHz
(Ta = 25°C)
IGDO
Gate-drain leakage current
360
mA—
VGD = –11 V
—
IDS(off)
Drain-source leakage current
720
mA—
VDS = 3 V, VGS = –2 V
—
IDSS
Drain current
—
mA
100
VDS = 3 V, VGS = 0 V
—
ID
Operating current
40.0
mA
—
(*1), PIN = 5 dBm,
f = 850 MHz
—
VGS(off)
Gate-source cut-off voltage
–0.5
V
–1.5
VDS = 3 V, IDS = 720 mA—
gm
Transconductance
—
mS
100
VDS = 3 V, IDS = 25 mA
—
F
Noise figure
2.5
dB
—
(*1), f = 850 MHz
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com