Electronic Components Datasheet Search
  English  ▼

X  

2SD113 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SD113
Description  SILICON NPN DEFFUSED JUNCTION TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SD113 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SD113 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2SD113

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD113 ISC-2SD113 Datasheet
223Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SD113 NJSEMI-2SD113 Datasheet
94Kb / 1P
SI NPN POWER BJT, I(C) = 20 A TO 49.9 A
logo
Hitachi Semiconductor
2SD1133 HITACHI-2SD1133 Datasheet
32Kb / 5P
Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SD1133 RENESAS-2SD1133 Datasheet
145Kb / 6P
Silicon NPN Triple Diffused
logo
Inchange Semiconductor ...
2SD1133 ISC-2SD1133 Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SD113

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP8081 PANASONIC-XP8081 Datasheet
48Kb / 4P
Silicon N-channel junction FET (Tr1) Silicon NPN epitaxial planer transistor (Tr2)
logo
Toshiba Semiconductor
HN3G01J TOSHIBA-HN3G01J Datasheet
210Kb / 4P
N CHANNEL JUNCTION TYPE FET SILICON NPN EPITAXIAL TYPE TRANSISTOR
logo
Panasonic Semiconductor
2SD750 PANASONIC-2SD750 Datasheet
205Kb / 4P
SILICON NPN DIFFUSED JUNCTION MESA
logo
InterFET Corporation
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ132 INTERFET-NJ132 Datasheet
123Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
logo
GeneSiC Semiconductor, ...
GA20JT06-CAL GENESIC-GA20JT06-CAL_15 Datasheet
804Kb / 10P
Silicon Carbide Junction Transistor
logo
List of Unclassifed Man...
2SD129 ETC-2SD129 Datasheet
95Kb / 2P
SILICON NPN DIFFUSED JUNCTION TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com