Electronic Components Datasheet Search
  English  ▼

X  

H442 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # H442
Description  HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

H442 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  H442 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - H442

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H4422S HSMC-H4422S Datasheet
180Kb / 5P
N-Channel Enhancement-Mode MOSFET (30V, 11A)
logo
Guangdong Huixin Electr...
H4423P HUIXIN-H4423P Datasheet
1Mb / 6P
30V P-CHANNEL MOSFET
More results

Similar Description - H442

ManufacturerPart #DatasheetDescription
logo
Formosa MS
R1200 FORMOSA-R1200 Datasheet
30Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
List of Unclassifed Man...
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
High voltage diffused silicon power rectifiers
logo
Solid States Devices, I...
2N5091A SSDI-2N5091A Datasheet
200Kb / 2P
HIGH VOLTAGE SILICON DIFFUSED PNP TRANSISTORS
logo
Electronic devices inc.
CRVT EDI-CRVT Datasheet
43Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
LHC EDI-LHC Datasheet
48Kb / 2P
HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS
TV10 EDI-TV10 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
DIFFUSED-JUNCTION SILICON RECTIFIERS
VA-10 NJSEMI-VA-10 Datasheet
93Kb / 2P
High Voltage Diffused Rectifiers
logo
Nanjing International G...
R1200 DGNJDZ-R1200 Datasheet
78Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
BY707-1 NJSEMI-BY707-1 Datasheet
81Kb / 1P
High Voltage Diffused Silicon Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com