Electronic Components Datasheet Search
  English  ▼

X  

SP2996BEN Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP2996BEN
Description  2A Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2996BEN Datasheet(HTML) 1 Page - Sipex Corporation

  SP2996BEN Datasheet HTML 1Page - Sipex Corporation SP2996BEN Datasheet HTML 2Page - Sipex Corporation SP2996BEN Datasheet HTML 3Page - Sipex Corporation SP2996BEN Datasheet HTML 4Page - Sipex Corporation SP2996BEN Datasheet HTML 5Page - Sipex Corporation SP2996BEN Datasheet HTML 6Page - Sipex Corporation SP2996BEN Datasheet HTML 7Page - Sipex Corporation SP2996BEN Datasheet HTML 8Page - Sipex Corporation SP2996BEN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Date: 07/7/05
SP2996B 2A Termination Regulator
© Copyright 2005 Sipex Corporation
2A Bus Termination Regulator
Advanced
SP2996B
FEATURES
■ Capable of sourcing and sinking 2A
Continuous current
■ Supports both DDR1 (1.25V
TT) and
DDR2 (0.9V
TT) requirements
■ Low Output Voltage Offset, + 20mV
■ Thermal and Current Limit Protection
■ Integrated Power MOSFETs
■ Generates Termination for SSTL-2
■ High Accuracy Output at Full Load
■ Adjustable V
OUT by External Resistors
■ Minimal External Components
■ Available in 8 pin NSOIC package
®
The SP2996B voltage regulator is designed to convert voltage supplies ranging from 1.6V to
6V into a desired output voltage which is adjusted by an external resistor divider. The regulator
is capable of sourcing or sinking up to 2A of Continuous current while regulating an output
voltage to within 20mV. The SP2996B provides an excellent voltage source for active
termination schemes of high speed transmission lines such as those seen in high speed
memory buses and distributed backplane designs when used in conjunction with series
termination resistors. The voltage output of the regulator can be used as a termination voltage
for DDR SDRAM, and it meets the JEDEC SSTL-2 and SSTL-3 specifications . Current limits
in both sourcing and sinking mode, plus on-chip thermal shutdown make the circuit tolerant
of output fault conditions.
APPLICATIONS
■ DDR Memory Termination
■ Active Bus Termination
■ Supply Splitter
DESCRIPTION
Now Available in Lead Free Packaging
TYPICAL APPLICATIONS CIRCUIT
SP2996B
®
R1
R2
VREF
VCNTL
VIN
GND
CIN
VIN= 2.5V
VOUT
CCNTL
COUT
C1
EN
CES7002A
VCNTL= 3.3V
100kΩ
4
100pF
470µF
47µF
220µF
VOUT
3
1
2
5,6,7,8
100kΩ
1
2
3
4
5
6
7
8
SP2996B
8 Pin nSOIC
VIN
GND
REFEN
VOUT
VCNTL
VCNTL
VCNTL
VCNTL


Similar Part No. - SP2996BEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP2996BEN-L EXAR-SP2996BEN-L Datasheet
713Kb / 9P
2 Amp DDR Bus Termination Regulator
More results

Similar Description - SP2996BEN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
2A DDR Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173B RICHTEK-RT9173B Datasheet
262Kb / 13P
2A Bus Termination Regulator
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
2A DDR BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5338 ANPEC-APL5338 Datasheet
315Kb / 19P
2A Bus Termination Regulator
APL5338A ANPEC-APL5338A Datasheet
350Kb / 21P
2A Bus Termination Regulator
APL5338A ANPEC-APL5338A_17 Datasheet
241Kb / 19P
2A Bus Termination Regulator
logo
Unisonic Technologies
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
2A DDR BUS TERMINATION REGULATOR
logo
Fitipower Integrated Te...
FP6137A FITIPOWER-FP6137A Datasheet
706Kb / 10P
3A/2A Bus Termination Regulator
FP6137E FITIPOWER-FP6137E Datasheet
392Kb / 7P
2A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com