Electronic Components Datasheet Search
  English  ▼

X  

LFXTAL003003 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # LFXTAL003003
Description  Quartz Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

LFXTAL003003 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  LFXTAL003003 Datasheet HTML 1Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No. + Packaging: LFXTAL003003Reel
Quartz Crystal Specification
Outline (mm)
Typical Frequency Stability Characteristics
Description
Industry standard package
Plastic encapsulated
91SMX
Model
Model Issue number
11
Frequency Parameters
Frequency
32.7680kHz
Frequency Tolerance
±20.00ppm
Fundamental
Overtone Order
Ageing
±5ppm max per year @ 25°C
Electrical Parameters
Load Capacitance (CL)
12.50pF
Shunt Capacitance (C0)
1pF typ
Drive Level
1.0µW max
50.00k
Ω max
ESR
Environmental Parameters
Operable Temperature Range: -40 to 85°C
Storage Temperature Range: -55 to 125°C
Drop: 75cm drop (3 times) onto hard wooden board
Vibration: 1.5mm amplitude, 10Hz-60Hz, 2-3mins in 3
mutually perpendicular planes, duration 2hrs each plane
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 2,000
Alternative packing option available
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com
Page 1 of 1


Similar Part No. - LFXTAL003003

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
LFXTAL003000 IQD-LFXTAL003000 Datasheet
795Kb / 1P
Quartz Crystal
LFXTAL003004 IQD-LFXTAL003004 Datasheet
155Kb / 1P
TCVCXO
More results

Similar Description - LFXTAL003003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
ECS, Inc.
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
Quartz Crystal
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
Quartz Crystal
logo
AiT Semiconductor Inc.
KSS1210 AITSEMI-KSS1210 Datasheet
220Kb / 1P
QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com