| Electronic Components Datasheet Search |
|
STD17NF03L Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STD17NF03L Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 14 page ![]() July 2006 Rev 3 1/14 14 STD17NF03L STD17NF03L-1 N-channel 30V - 0.038 Ω - 17A - DPAK/IPAK STripFET™ II Power MOSFET General features ■ Exceptional dv/dt capability ■ Low gate charge at 100°C ■ Application oriented characterization ■ 100% avalanche tested Description This Power MOSFET is the latest development of STMicroelectronis unique "Single Feature Size™" strip-based process. The resulting transistor shows extremely high packing density for low on- resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. Applications ■ Switching application Internal schematic diagram Type VDSS RDS(on) ID STD17NF03L-1 30V <0.05 Ω 17A STD17NF03L 30V <0.05 Ω 17A DPAK 3 2 1 1 3 iPAK www.st.com Order codes Part number Marking Package Packaging STD17NF03L-1 D17NF03L@ IPAK Tube STD17NF03LT4 D17NF03L@ DPAK Tape & reel |
Similar Part No. - STD17NF03L |
|
Similar Description - STD17NF03L |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |