Electronic Components Datasheet Search
  English  ▼

X  

STT5PF20V Datasheet(PDF) 2 Page - STMicroelectronics

Part # STT5PF20V
Description  P-CHANNEL 20V - 0.065W - 5A SOT23-6L 2.5V-DRIVE STripFET II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT5PF20V Datasheet(HTML) 2 Page - STMicroelectronics

  STT5PF20V Datasheet HTML 1Page - STMicroelectronics STT5PF20V Datasheet HTML 2Page - STMicroelectronics STT5PF20V Datasheet HTML 3Page - STMicroelectronics STT5PF20V Datasheet HTML 4Page - STMicroelectronics STT5PF20V Datasheet HTML 5Page - STMicroelectronics STT5PF20V Datasheet HTML 6Page - STMicroelectronics STT5PF20V Datasheet HTML 7Page - STMicroelectronics STT5PF20V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STT5PF20V
2/8
ABSOLUTE MAXIMUM RATINGS
( ) Pulsewidth limitedby safeoperating area
Note: For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TJ = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
20
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
20
V
VGS
Gate- source Voltage
± 8
V
ID
Drain Current (continuous) at TC = 25°C
5A
ID
Drain Current (continuous) at TC = 100°C
3.1
A
IDM ( )
Drain Current (pulsed)
20
A
PTOT
Total Dissipation at TC = 25°C
1.6
W
Rthj-amb
Thermal Resistance Junction-ambient Max
78
°C/W
Tj
Max. Operating Junction Temperature
150
°C
Tstg
Storage Temperature
–55 to 150
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250 µA, VGS = 0
20
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 8V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250µA
0.45
V
RDS(on)
Static Drain-source On
Resistance
VGS = 4.5V, ID = 2.5 A
0.065
0.080
Ω
VGS = 2.5V, ID = 2.5 A
0.085
0.10
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS =15 V , ID = 2.5 A
6.6
S
Ciss
Input Capacitance
VDS = 15 V, f = 1 MHz, VGS =0
412
pF
Coss
Output Capacitance
179
pF
Crss
Reverse Transfer
Capacitance
42.5
pF



Html Pages

1 2 3 4 5 6 7 8