Electronic Components Datasheet Search
  English  ▼

X  

AOB292L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOB292L
Description  100V N-Channel AlphaSGT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB292L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB292L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB292L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB292L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB292L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB292L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB292L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOB292L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AOT292L/AOB292L/AOTF292L
General Description
Product Summary
VDS
ID (at VGS=10V)
105A
RDS(ON) (at VGS=10V)
< 4.5mΩ
(< 4.1m
Ω∗)
RDS(ON) (at VGS=6V)
< 5.3mΩ
(< 4.9m
Ω∗)
Applications
100% UIS Tested
100% Rg Tested
AOT292L
TO-220
Tube
1000
AOTF292L
TO-220F
Tube
1000
100V N-Channel AlphaSGT
TM
• Trench Power AlphaSGT
TM technology
• Low RDS(ON)
• RoHS and Halogen Free Compliant
Orderable Part Number
Package Type
Form
Minimum Order Quantity
100V
• Synchronous Rectification for power supply
• Ideal for boost converters
G
D
S
TO-263
G
D
S
G
D
S
D
S
G
Top View
TO-220F
TO-220
AOTF292L
AOT292L
AOB292L
Symbol
VDS
VGS
IDM
IAS
Avalanche energy
L=0.1mH
C
EAS
VDS Spike
VSPIKE
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
* Surface mount package TO263
** Package limited for TO220 & TO263
23
TC=25°C
Avalanche Current
C
W
V
A
60
mJ
180
150
ID
A
420
TA=25°C
TA=70°C
TC=25°C
TC=100°C
Continuous Drain
Current
PDSM
W
TA=25°C
Power Dissipation
A
2.1
1.3
300
47
A
Absolute Maximum Ratings TA=25°C unless otherwise noted
±20
V
Units
105
70
14.5
11.5
°C/W
RθJA
15
60
AOB292L
TO-263
Tape & Reel
800
IDSM
82
50
AOT(B)292L
AOTF292L
Thermal Characteristics
Parameter
AOTF292L
TA=70°C
°C
Units
Junction and Storage Temperature Range
-55 to 175
AOT(B)292L
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.5
3.2
Power Dissipation
B
TC=100°C
10µs
PD
100
120
Gate-Source Voltage
Pulsed Drain Current
C
Parameter
Drain-Source Voltage
Continuous Drain
Current
G**
V
Maximum Junction-to-Ambient
A
Rev.2.0: March 2016
www.aosmd.com
Page 1 of 7


Similar Part No. - AOB292L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB292L AOSMD-AOB292L Datasheet
77Kb / 1P
TO263 PACKAGE MARKING DESCRIPTION
logo
Inchange Semiconductor ...
AOB292L ISC-AOB292L Datasheet
281Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOB292L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4296 AOSMD-AO4296 Datasheet
375Kb / 5P
100V N-Channel AlphaSGT
AOD294A AOSMD-AOD294A Datasheet
374Kb / 6P
100V N-Channel AlphaSGT
AOB2904 AOSMD-AOB2904 Datasheet
361Kb / 6P
100V N-Channel AlphaSGT
AOD296A AOSMD-AOD296A Datasheet
364Kb / 6P
100V N-Channel AlphaSGT
AON2392 AOSMD-AON2392 Datasheet
322Kb / 5P
100V N-Channel AlphaSGT
AON6226 AOSMD-AON6226 Datasheet
336Kb / 6P
100V N-Channel AlphaSGT
AOT2904 AOSMD-AOT2904 Datasheet
361Kb / 6P
100V N-Channel AlphaSGT
AOT2906 AOSMD-AOT2906 Datasheet
372Kb / 6P
100V N-Channel AlphaSGT
AOW296 AOSMD-AOW296 Datasheet
424Kb / 8P
100V N-Channel AlphaSGT
AOWF296 AOSMD-AOWF296 Datasheet
424Kb / 8P
100V N-Channel AlphaSGT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com