Electronic Components Datasheet Search
  English  ▼

X  

KGF1313 Datasheet(PDF) 5 Page - OKI electronic componets

Part # KGF1313
Description  Power FET (Plastic Package Type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1313 Datasheet(HTML) 5 Page - OKI electronic componets

  KGF1313 Datasheet HTML 1Page - OKI electronic componets KGF1313 Datasheet HTML 2Page - OKI electronic componets KGF1313 Datasheet HTML 3Page - OKI electronic componets KGF1313 Datasheet HTML 4Page - OKI electronic componets KGF1313 Datasheet HTML 5Page - OKI electronic componets KGF1313 Datasheet HTML 6Page - OKI electronic componets KGF1313 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
KGF1313
¡ electronic components
Typical S Parameters
Freq(MHz)
500.0
MAG(S11) ANG(S11) MAG(S21) ANG(S21) MAG(S12) ANG(S12) MAG(S22) ANG(S22)
VDS = 3.4 V, VGS = –1.43 V, IDS = 200 mA
600.0
700.0
800.0
900.0
1000.0
1100.0
1200.0
1300.0
1400.0
1500.0
1600.0
1700.0
1800.0
1900.0
2000.0
2100.0
2200.0
2300.0
2400.0
2500.0
2600.0
2700.0
2800.0
2900.0
3000.0
0.929
0.926
0.925
0.923
0.923
0.921
0.919
0.917
0.915
0.913
0.911
0.907
0.903
0.901
0.896
0.894
0.890
0.885
0.882
0.876
0.875
0.870
0.866
0.863
0.858
0.858
–144.45
–151.64
–157.14
–161.46
–165.18
–168.30
–171.07
–173.67
–175.87
–178.12
179.76
177.80
175.91
174.04
172.38
170.48
168.74
167.12
165.38
163.78
162.12
160.47
158.91
157.28
155.62
153.95
4.159
3.643
3.189
2.833
2.543
2.314
2.121
1.959
1.823
1.702
1.602
1.511
1.428
1.361
1.292
1.236
1.180
1.130
1.086
1.043
1.011
0.972
0.942
0.911
0.875
0.856
98.07
93.23
88.93
81.97
78.72
75.71
72.79
70.07
67.46
64.62
62.17
59.34
56.91
51.87
49.30
47.08
44.40
42.64
39.67
37.75
35.06
33.01
30.62
28.46
0.030
0.031
0.032
0.033
0.034
0.035
0.036
0.037
0.038
0.040
0.041
0.042
0.043
0.044
0.046
0.047
0.048
0.049
0.051
0.052
0.053
0.054
0.056
0.059
0.059
29.22
27.84
26.84
26.40
26.26
25.70
25.89
25.53
25.89
25.44
25.55
25.16
24.95
24.92
24.41
24.23
23.93
23.58
23.06
22.40
21.91
21.43
20.25
19.79
18.82
18.59
0.715
0.717
0.720
0.721
0.721
0.719
0.719
0.718
0.716
0.717
0.713
0.714
0.708
0.710
0.704
0.706
0.700
0.702
0.697
0.697
0.692
0.691
0.689
0.687
0.688
0.683
–178.78
179.91
178.56
177.48
176.49
175.41
174.68
173.46
172.74
171.75
170.66
169.82
168.55
167.77
166.73
165.70
164.81
163.51
162.59
161.49
160.22
159.44
158.03
157.02
155.85
154.65
54.42
85.11
0.057



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com