Electronic Components Datasheet Search
  English  ▼

X  

ICS843256BGLF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS843256BGLF
Description  FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843256BGLF Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS843256BGLF Datasheet HTML 1Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 2Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 3Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 4Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 5Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 6Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 7Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 8Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REVISION B 12/18/14
843256 DATA SHEET
5
FemtoClock
® Crystal-to-3.3V LVPECL
Frequency Synthesizer With/Integrated Fanout Buffer
TABLE 5. CRYSTAL CHARACTERISTICS
TABLE 6A. AC CHARACTERISTICS, V
CC
= V
CCO
= 3.3V±5%, TA = 0°C TO 70°C
TABLE 6B. AC CHARACTERISTICS, V
CC
= 3.3V±5%, V
CCO
= 2.5V±5%, TA = 0°C TO 70°C
TABLE 4D. LVPECL DC CHARACTERISTICS, V
CC
= 3.3V±5%, V
CCO
= 3.3V±5% OR 2.5V±5%, TA = 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OH
Output High Voltage; NOTE 1
V
CCO
- 1.4
V
CCO
- 0.9
V
V
OL
Output Low Voltage; NOTE 1
V
CCO
- 2.0
V
CCO
- 1.7
V
V
SWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
NOTE 1: Outputs terminated with 50
Ω
to V
CCO
- 2V.
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
15.625
25.5
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Drive Level
1mW
NOTE: Characterized using an 18pF parallel resonant crystal.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
F
OUT
Output Frequency
62.5
625
MHz
tjit(Ø)
RMS Phase Jitter (Random)
156.25MHz, Integration Range:
1.875MHz - 20MHz
0.41
ps
156.25MHz, Integration Range:
12kHz - 20MHz
0.85
ps
tsk(o)
Output Skew; NOTE 1, 2
40
ps
t
R
/ t
F
Output Rise/Fall Time
20% to 80%
200
650
ps
odc
Output Duty Cycle
F
OUT
≤ 312.5MHz
47
53
%
F
OUT
> 312.5MHz
45
55
%
t
LOCK
PLL Lock Time
20
ms
See Parameter Measurement Information section.
NOTE 1: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential crossing points.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
F
OUT
Output Frequency
62.5
625
MHz
tjit(Ø)
RMS Phase Jitter (Random)
156.25MHz, Integration Range:
1.875MHz - 20MHz
0.41
ps
156.25MHz, Integration Range:
12kHz - 20MHz
0.85
ps
tsk(o)
Output Skew; NOTE 1, 2
45
ps
t
R
/ t
F
Output Rise/Fall Time
20% to 80%
200
650
ps
odc
Output Duty Cycle
46
54
%
t
LOCK
PLL Lock Time
20
ms
For NOTES, please see Table 6A above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com