Electronic Components Datasheet Search
  English  ▼

X  

TSH350 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH350
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH350 Datasheet HTML 1Page - STMicroelectronics TSH350 Datasheet HTML 2Page - STMicroelectronics TSH350 Datasheet HTML 3Page - STMicroelectronics TSH350 Datasheet HTML 4Page - STMicroelectronics TSH350 Datasheet HTML 5Page - STMicroelectronics TSH350 Datasheet HTML 6Page - STMicroelectronics TSH350 Datasheet HTML 7Page - STMicroelectronics TSH350 Datasheet HTML 8Page - STMicroelectronics TSH350 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
December 2004
Revision 2
1/21
■ Bandwidth: 550MHz in unity gain
■ Quiescent current: 4.1mA
■ Slew rate: 940V/µs
■ Input noise: 1.5nV/VHz
■ Distortion: SFDR=-66dBc (10MHz, 1Vp-p)
■ 2.8Vp-p min. output swing on 100Ω load for
a 5V supply
■ Tested on 5V power supply
Description
The TSH350 is a current feedback operational
amplifier using a very high speed complementary
technology to provide a bandwidth up to 410MHz
while drawing only 4.1mA of quiescent current.
With a slew rate of 940V/µs and an output stage
optimized for driving a standard 100
Ω load, this
circuit is highly suitable for applications where
speed
and
power-saving
are
the
main
requirements.
The TSH350 is a single operator available in the
tiny SOT23-5 and SO8 plastic packages, saving
board space as well as providing excellent
thermal and dynamic performances.
Applications
■ Communication & Video Test Equipment
■ Medical Instrumentation
■ ADC drivers
Pin Connections (top view)
Order Codes
1
2
3
5
4
-VCC
+VCC
+ -
OUT
-IN
+IN
SOT23-5
+VCC
1
2
3
5
4
8
7
6
NC
OUT
+
_
-VCC
NC
-IN
+IN
SO8
NC
1
2
3
5
4
-VCC
+VCC
+ -
OUT
-IN
+IN
SOT23-5
+VCC
1
2
3
5
4
8
7
6
NC
OUT
+
_
-VCC
NC
-IN
+IN
SO8
NC
Part Number
Temperature Range
Package
Conditioning
Marking
TSH350ILT
-40°C
to
+85°C
SOT23-5
Tape&Reel
K305
TSH350ID
SO8
Tube
TSH350I
TSH350IDT
SO8
Tape&Reel
TSH350I
TSH350
550 MHz, Low Noise Current Feedback Amplifier


Similar Part No. - TSH350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TSH350I STMICROELECTRONICS-TSH350I Datasheet
309Kb / 22P
550MHz low noise current feedback amplifier
08-Jun-2007
TSH350ID STMICROELECTRONICS-TSH350ID Datasheet
309Kb / 22P
550MHz low noise current feedback amplifier
08-Jun-2007
TSH350IDT STMICROELECTRONICS-TSH350IDT Datasheet
309Kb / 22P
550MHz low noise current feedback amplifier
08-Jun-2007
TSH350ILT STMICROELECTRONICS-TSH350ILT Datasheet
309Kb / 22P
550MHz low noise current feedback amplifier
08-Jun-2007
More results

Similar Description - TSH350

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3 Datasheet
318Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
50 MHz Current Feedback Amplifier
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350_07 Datasheet
309Kb / 22P
550MHz low noise current feedback amplifier
08-Jun-2007
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3_06 Datasheet
385Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
HMC356LP3 HITTITE-HMC356LP3_10 Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
STMicroelectronics
RHF350 STMICROELECTRONICS-RHF350 Datasheet
1Mb / 23P
Rad-hard 550 MHz low noise operational amplifier
03-Aug-2012
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
logo
STMicroelectronics
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
Rad-hard 550 MHz low noise operational amplifier
Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com