Electronic Components Datasheet Search
  English  ▼

X  

74HC243D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC243D
Description  Quad bus transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC243D Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC243D Datasheet HTML 1Page - NXP Semiconductors 74HC243D Datasheet HTML 2Page - NXP Semiconductors 74HC243D Datasheet HTML 3Page - NXP Semiconductors 74HC243D Datasheet HTML 4Page - NXP Semiconductors 74HC243D Datasheet HTML 5Page - NXP Semiconductors 74HC243D Datasheet HTML 6Page - NXP Semiconductors 74HC243D Datasheet HTML 7Page - NXP Semiconductors 74HC243D Datasheet HTML 8Page - NXP Semiconductors 74HC243D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
9397 750 13808
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
4 of 17
Philips Semiconductors
74HC243
Quad bus transceiver; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration
243
OEA
VCC
n.c.
OEB
A0
n.c.
A1
B0
A2
B1
A3
B2
GND
B3
001aab948
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3:
Pin description
Symbol
Pin
Description
OEA
1
output enable input (active LOW)
n.c.
2
not connected
A0
3
data input or output
A1
4
data input or output
A2
5
data input or output
A3
6
data input or output
GND
7
ground (0 V)
B3
8
data output or input
B2
9
data output or input
B1
10
data output or input
B0
11
data output or input
n.c.
12
not connected
OEB
13
output enable input
VCC
14
positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com