Electronic Components Datasheet Search
  English  ▼

X  

74HC283DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC283DB
Description  4-bit binary full adder with fast carry
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC283DB Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC283DB Datasheet HTML 1Page - NXP Semiconductors 74HC283DB Datasheet HTML 2Page - NXP Semiconductors 74HC283DB Datasheet HTML 3Page - NXP Semiconductors 74HC283DB Datasheet HTML 4Page - NXP Semiconductors 74HC283DB Datasheet HTML 5Page - NXP Semiconductors 74HC283DB Datasheet HTML 6Page - NXP Semiconductors 74HC283DB Datasheet HTML 7Page - NXP Semiconductors 74HC283DB Datasheet HTML 8Page - NXP Semiconductors 74HC283DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
9397 750 13811
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
5 of 20
Philips Semiconductors
74HC283
4-bit binary full adder with fast carry
6.2 Pin description
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level.
[2]
Example for active HIGH: 10 + 9 (0 + 1010 + 1001) = 19 (10011).
[3]
Example for active LOW: 5 + 6 (1 + 0101 + 0110) = 12 (01100).
Table 3:
Pin description
Symbol
Pin
Description
S2
1
sum output 2
B2
2
B operand input 2
A2
3
A operand input 2
S1
4
sum output 1
A1
5
A operand input 1
B1
6
B operand input 1
CIN
7
carry input
GND
8
ground (0 V)
COUT
9
carry output
S4
10
sum output 4
B4
11
B operand input 4
A4
12
A operand input 4
S3
13
sum output 3
B3
14
A operand input 3
A3
15
B operand input 3
VCC
16
positive supply voltage
Table 4:
Function table [1]
Pins
Input
Output
CIN
A4
A3
A2
A1
B4
B3
B2
B1
COUT
S4
S3
S2
S1
Logic levels
L
H
L
H
L
H
L
L
H
H
L
L
H
H
Active HIGH [2]
0101010011
0
011
Active LOW [3]
1010101100
1
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com