Electronic Components Datasheet Search
  English  ▼

X  

400ST16B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 400ST16B
Description  Air Ultrasonic Ceramic Transducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

400ST16B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  400ST16B Datasheet HTML 1Page - List of Unclassifed Manufacturers 400ST16B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Air Ultrasonic Ceramic Transducers
400ST/R160
400SR160 Receiver
Sensitivity Variation vs. Loaded Resistor
Center Frequency Shift vs. Loaded Resistor
Sensitivity Variation vs. Temperature
Center Frequency Shift vs. Temperature
400ST160 Transmitter
SPL Variation vs. Driving Voltage
Center Frequency Shift vs. Driving Voltage
SPL Variation vs. Temperature
Center Frequency Shift vs. Temperature
-80
-75
-70
-65
-60
-55
-50
-45
-40
1K
3.9K
10K
39K
100K
390K
Loaded Resistor (Ohm)
85
90
95
100
105
110
115
120
125
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Vrms
90
95
100
105
110
115
120
125
130
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100
Temperature (Degree C)
-80
-75
-70
-65
-60
-55
-50
-45
-40
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
100
Temperature (Degree C)
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Vrms
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
1K
3.9K
10K
39K
100K
390K
Loaded Resistor (Ohm)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-40
-30 -20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (Degree C)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-40
-30 -20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (Degree C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com