Electronic Components Datasheet Search
  English  ▼

X  

L4075 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L4075
Description  40V LED DRIVER WITH INTERNAL SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4075 Datasheet(HTML) 4 Page - Unisonic Technologies

  L4075 Datasheet HTML 1Page - Unisonic Technologies L4075 Datasheet HTML 2Page - Unisonic Technologies L4075 Datasheet HTML 3Page - Unisonic Technologies L4075 Datasheet HTML 4Page - Unisonic Technologies L4075 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L4075
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R125-030.b
ELECTRICAL CHARACTERISTICS (VIN=12V, TAMB=25°C unless otherwise stated) (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
6
40
V
Quiescent Supply Current with Output Off
IINQOFF
ADJ Pin Grounded
40
60
80
μA
Quiescent Supply Current with Output
Switching
IINQON
ADJ Pin Floating
450
600
μA
Mean Current Sense Threshold Voltage
VSENSE
113
mV
Sense Threshold Hysteresis
VSENSEHYS
±15
%
ISENSE Pin Input Current
ISENSE
VSENSE=0.1V
8
10
μA
Internal Reference Voltage
VREF
Measured on ADJ Pin with
Pin Floating
1.2
V
External Control Voltage Range On ADJ Pin
for DC Brightness Control
VADJ
0.3
1.2
V
DC Voltage On ADJ Pin to Switch Chip from
Active (On) State to Quiescent (Off) State
VADJOFF
VADJ Falling
0.15
0.2
0.25
V
DC Voltage On ADJ Pin to Switch Chip from
Quiescent (Off) State to Active (On) State
VADJON
VADJ Rising
0.2
0.25
0.3
V
Resistance Between ADJ Pin and VREF
RADJ
500
KΩ
Continuous LX Switch Current
ILXmean
0.35
A
LX Switch Leakage Current
ILX(leak)
1
μA
LX Switch “On” Resistance
RLX
0.9
1.5
Ω
Minimum Switch “ON” Time
TONMIN
LX Switch “ON”
200
ns
Minimum Switch “OFF” Time
TOFFMIN
LX Switch “OFF”
200
ns
Brightness Control Range at Low Frequency
PWM Signal
DPWM(LF)
PWM Frequency=100Hz,
PWM Amplitude=5V,
VIN=15V, Driving 1LED,
L=27μH
1200:1
Brightness Control Range at Low Frequency
PWM Signal
DPWM(HF)
PWM Frequency=10KHz,
PWM Amplitude=5V,
VIN=15V, Driving 1LED,
L=27μH
13:1
Operating Frequency
fLX
ADJ Pin Floating L=100Μh
(0.82Ω) IOUT=350mA @
VLED=3.4V Driving 1 LED
154
KHz
Recommended Maximum Operating
Frequency
fLXMAX
1
MHz
Recommended Duty Cycle Range of Output
Switch at fLXmax
DLX
0.3
0.7
0.9
Internal Comparator Propagation Delay
TPD
50
ns
Thermal Shutdown Temperature
TSD
140
°C
Thermal Shutdown Hysteresis
TSD-HYS
20
°C
Note: Production testing of the chip is performed at 25°C. Functional operation of the chip and parameters specified
are guaranteed by design, characterization and process control in other temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com