Electronic Components Datasheet Search
  English  ▼

X  

L5200 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L5200
Description  LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5200 Datasheet(HTML) 4 Page - Unisonic Technologies

  L5200 Datasheet HTML 1Page - Unisonic Technologies L5200 Datasheet HTML 2Page - Unisonic Technologies L5200 Datasheet HTML 3Page - Unisonic Technologies L5200 Datasheet HTML 4Page - Unisonic Technologies L5200 Datasheet HTML 5Page - Unisonic Technologies L5200 Datasheet HTML 6Page - Unisonic Technologies L5200 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L5200
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-029.F
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage(to GND)
VIN
-0.3 ~ 6
V
Charge Pump Voltage(to GND)
VOUT
-0.3 ~ 5.5
V
Shutdown Voltage(to GND)
V
SHDN
-0.3 ~ (VIN+0.3)
V
Maximum DC Output Current (Note 1)
IOUT
150
mA
VOUT Short-Circuit Duration
Indefinite
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Notes 1: Based on long-term current density limitations.
2: Stressed above Absolute Maximum Ratings may impair life or cause permanent damage to the device.
3. The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃, characteristic and correlation with static process control.
ELECTRICAL CHARACTERISTICS
(TA =25°C, VIN =3.6V, CFLY=1μF, CIN=1μF, COUT=1μF, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply Voltage Range
VIN
*2.7
VOUT
V
L5200-4.5V
4.41
4.5
4.59
V
Output Voltage
L5200-5.0V
VOUT
IOUT≤100mA
*
4.9
5
5.1
V
VIH
*1.3
V
Shutdown Input Threshold
VIL
*
0.4
V
Feedback Voltage (For L5200-ADJ)
VFB
*
1.217
1.268
1.319
V
Output Ripple Voltage(For L5200-fixed)
VR
VIN=3V, IOUT=100mA
30
mVP-P
Operating Supply Current
ICC
IOUT=0mA, SHDN =VIN
*
1.7
5
mA
Shutdown Current
I
SHDN
SHDN =0V, VOUT=0V
*
1
μA
IIH
SHDN =VIN
*
-1
1
μA
Shutdown Input Current
IIL
SHDN =0V
*
-1
1
μA
Feedback Input Current (For L5200-ADJ)
IFB
VFB=1.4V
*
-50
50
nA
Open-Loop Output Resistance
ROL
VIN=3V, IOUT=100mA
VFB=0V
(ROL ≡ (2VIN – VOUT)/IOUT)
9.2
Ω
Switching Frequency
FOSC
1
MHz
Efficiency (For UTC L5200-fixed)
η
VIN=3V, IOUT=50mA
80
%
Soft Start Time
tON
VIN=3V, IOUT=0mA
10%~90%
0.8
ms
Note: * stand for specifications which apply over the designed operating temperature range.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com