Electronic Components Datasheet Search
  English  ▼

X  

KGL2135 Datasheet(PDF) 2 Page - OKI electronic componets

Part # KGL2135
Description  1.7 GHz Two-Modulus Prescaler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGL2135 Datasheet(HTML) 2 Page - OKI electronic componets

  KGL2135 Datasheet HTML 1Page - OKI electronic componets KGL2135 Datasheet HTML 2Page - OKI electronic componets KGL2135 Datasheet HTML 3Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
KGL2135
¡ electronic components
MARKING
TESTING CIRCUIT
Coaxial cable
S.G.
50
W
1000 pF
VDD
MC
Output Wave Form
(Oscilloscope)
8 pF
Including Testing
Equipment & Probe
22 k
W
0.1 µF
1000 pF
1
2
4
5
6
8
0.1 µF
BLOCK DIAGRAM
High
MC
Dividing Ratio
Low
1/128
1/130
Q
D
C
Q
D
C
Q
T
Q
T
Q
T
Q
T
Q
Q
T
Q
Q
T
Q
OUT
IN
MC
INDEX
1
85
4
X X X
MONTHLY LOT NUMBER
PRODUCTION MONTH
(1to9,X,Y,Z)
PRODUCTION YEAR
(LOWEST DIGIT)
¡
K2135
PRODUCTION NAME
COMPANY LOGO
LOT NUMBER
* MC: Modulus Control
(1) IN
(2) VDD
(3) NC
(4) OUT
(5) GND
(6) MC*
(7) NC
(8) REF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com