Electronic Components Datasheet Search
  English  ▼

X  

B4050 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B4050
Description  Low Loss Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B4050 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B4050 Datasheet HTML 1Page - List of Unclassifed Manufacturers B4050 Datasheet HTML 2Page - List of Unclassifed Manufacturers B4050 Datasheet HTML 3Page - List of Unclassifed Manufacturers B4050 Datasheet HTML 4Page - List of Unclassifed Manufacturers B4050 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Jul 4, 2000
SAW Components
B4050
1575.42 MHz
Low Loss Filter
Data Sheet
Ceramic package DCC6D
Features
q
Low loss RF filter for GPS receivers
q
Usable passband 2,4 MHz
q
Low insertion attenuation, low amplitude ripple
q
Unbalanced to balanced operation
q
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
2
Input, unbalanced
4, 6
Output, balanced
1, 3, 5
To be grounded
1, 3, 5
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4050
B39162-B4050-U510
C61157-A7-A68
F61074-V8089-Z000
Maximum ratings
Operable temperature range
T
-40 / +85
˚C
Storage temperature range
Tstg
-40 / +85
˚C
DC voltage
VDC
0V
Source power
PS
0
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com