Electronic Components Datasheet Search
  English  ▼

X  

T2180N Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # T2180N
Description  Phase Control Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T2180N Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  T2180N Datasheet HTML 1Page - Inchange Semiconductor Company Limited T2180N Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
T2180N
Phase Control Thyristors
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.014
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYPE
MAX
UNIT
VTM
Forward Voltage Drop
ITM=2000A; TJ = 125 ℃
1.11
V
IRRM
Max. peak reverse and off-state
leakage current
TJ = 125℃;
VR=VRRM
250
mA
IGT
DC gate current required to trigger
VD = 12 V;TJ = 25 ℃
200
mA
VGT
DC gate voltage required to trigger
VD = 12 V;TJ = 25 ℃
3
V
tq
Typical turn-off time
ITM >1000A, TJ = 125℃, di/dt = 25A/µs,
VR=50 V, dv/dt = 30V/µs
500
µs
PACKAGE OUTLINE
Dimensions in mm (1mm = 0.0394“)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com