Electronic Components Datasheet Search
  English  ▼

X  

B7821 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B7821
Description  Low-Loss Filter for Mobile Communication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B7821 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B7821 Datasheet HTML 1Page - List of Unclassifed Manufacturers B7821 Datasheet HTML 2Page - List of Unclassifed Manufacturers B7821 Datasheet HTML 3Page - List of Unclassifed Manufacturers B7821 Datasheet HTML 4Page - List of Unclassifed Manufacturers B7821 Datasheet HTML 5Page - List of Unclassifed Manufacturers B7821 Datasheet HTML 6Page - List of Unclassifed Manufacturers B7821 Datasheet HTML 7Page - List of Unclassifed Manufacturers B7821 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Mar 26, 2004
SAW Components
B7821
1842,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= +25
± 2 ˚C
Terminating source impedance:
ZS = 50Ω (unbalanced)
Terminating load impedance:
ZL = 150Ω (balanced) || 15 nH
min.
typ.
max.
Center frequency
fC
—
1842,5
—
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
—
2,2
2,8
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
—
0,7
1,5
dB
Input VSWR
1805,0
...1880,0
MHz
—
2,0
2,3
Output VSWR
1805,0
...1880,0
MHz
—
1,8
2,2
Output amplitude balance
(|S31/S21|)
1805,0
...1880,0
MHz
-1,2
+0,6 / -1,0
1,2
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
1805,0
...1880,0
MHz
-12
+6 / -8
12
˚
Attenuation
α
0,0
... 1000,0
MHz
40
55
—
dB
1000,0
... 1550,0
MHz
30
45
—
dB
1550,0
... 1705,0
MHz
26
34
—
dB
1705,0
... 1785,0
MHz
16
18
—
dB
1920,0
... 1980,0
MHz
16
20
—
dB
1980,0
... 2400,0
MHz
26
30
—
dB
2400,0
... 5145,0
MHz
30
38
—
dB
5145,0
... 5640,0
MHz
38
53
—
dB
5640,0
... 6000,0
MHz
30
55
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com