Electronic Components Datasheet Search
  English  ▼

X  

B9202 Datasheet(PDF) 5 Page - EPCOS

Part # B9202
Description  Low-Loss Dual Band Filter for Mobile Communication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9202 Datasheet(HTML) 5 Page - EPCOS

  B9202 Datasheet HTML 1Page - EPCOS B9202 Datasheet HTML 2Page - EPCOS B9202 Datasheet HTML 3Page - EPCOS B9202 Datasheet HTML 4Page - EPCOS B9202 Datasheet HTML 5Page - EPCOS B9202 Datasheet HTML 6Page - EPCOS B9202 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Oct 29, 2004
SAW Components
B9202
942,5 / 1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 2 ( PCN )
Operating temperature range:
T
= -20 to +75˚C
Terminating source impedance:
ZS = 50 Ω
(unbalanced)
Terminating load impedance:
ZL = 150 Ω
(balanced) || 12nH
min.
typ.
max.
Center frequency
fc
—
1842,5
—
MHz
Maximum insertion attenuation
α
max
1805,0
...1880,0
MHz
—
1,5
2,2
dB
1805,0
...1880,0
MHz 1)
1)
T = +25
± 2˚C
—
1,4
1,9
dB
Amplitude ripple (p-p)
∆α
1805,0
...1880,0
MHz
—
0,7
1,4
dB
1805,0
...1880,0
MHz 1)
—
0,6
1,1
dB
Input VSWR
1805,0
...1880,0
MHz
—
2,0
2,3
Output VSWR
1805,0
...1880,0
MHz
—
1,9
2,2
Output amplitude balance
(|S31/S21|)
1805,0
...1880,0
MHz
-1,0
-0,6/+0,6
1,0
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
1805,0
...1880,0
MHz
-10
-4/+4
10
degree
Attenuation
α
min
10,0
...1000,0
MHz
40
54
—
dB
1000,0
...1705,0
MHz
28
38
—
dB
1705,0
...1785,0
MHz
13
18
—
dB
1920,0
...1980,0
MHz
15
23
—
dB
1980,0
...2030,0
MHz
24
30
—
dB
2030,0
...2775,0
MHz
28
36
—
dB
2775,0
...5640,0
MHz
35
49
—
dB
5640,0
...6000,0
MHz
28
49
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com