Electronic Components Datasheet Search
  English  ▼

X  

2902003 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2902003
Description  Signal conditioner - MINI MCR-2-I4-U-PT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902003 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2902003 Datasheet HTML 1Page - PHOENIX CONTACT 2902003 Datasheet HTML 2Page - PHOENIX CONTACT 2902003 Datasheet HTML 3Page - PHOENIX CONTACT 2902003 Datasheet HTML 4Page - PHOENIX CONTACT 2902003 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/2902003
07/07/2015   Page 2 / 5
Signal conditioner - MINI MCR-2-I4-U-PT - 2902003
Technical data
Ambient conditions
Degree of protection
IP20
Input data
Number of inputs
1
Configurable/programmable
no
Current input signal
4 mA ... 20 mA
Input resistance current input
approx. 63 Ω
Output data
Number of inputs
1
Configurable/programmable
no
Voltage output signal
0 V ... 10 V
Max. output voltage
11 V
Short-circuit current
< 15 mA
Load/output load voltage output
≥ 10 kΩ
Power supply
Nominal supply voltage
24 V DC
Supply voltage range
9.6 V DC ... 30 V DC (The DIN rail bus connector (ME 6,2 TBUS-2 1,5/5-
ST-3,81 GN, Order No. 2869728) can be used to bridge the supply
voltage. It can be snapped onto a 35 mm DIN rail according to EN 60715))
Typical current consumption
25 mA (24 V DC)
54 mA (12 V DC)
Power consumption
≤ 200 mW (at 9.6 V DC)
Connection data
Connection method
Push-in connection
Single conductor/terminal point, solid, with ferrule, min.
0.14 mm²
Single conductor/terminal point, solid, with ferrule, max.
2.5 mm²
Single conductor/terminal point, solid, without ferrule, min.
0.14 mm²
Single conductor/terminal point, solid, without ferrule, max.
2.5 mm²
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
2.5 mm²
Min. AWG conductor cross section, flexible
24
Max. AWG conductor cross section, flexible
12
Stripping length
10 mm
General
Maximum transmission error
0.1 % (of final value)
Maximum temperature coefficient
0.01 %/K
Limit frequency (3 dB)
approx. 30 Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com