Electronic Components Datasheet Search
  English  ▼

X  

BUZ905DP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BUZ905DP
Description  P-CHANNEL POWER MOSFET FOR AUDIO APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BUZ905DP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BUZ905DP Datasheet HTML 1Page - List of Unclassifed Manufacturers BUZ905DP Datasheet HTML 2Page - List of Unclassifed Manufacturers BUZ905DP Datasheet HTML 3Page - List of Unclassifed Manufacturers BUZ905DP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TEC
MAGNA
Magnatec. Telephone (01455) 554711. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
BUZ905DP
BUZ906DP
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
BVDSX
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
VGS(OFF)
Gate – Source Cut–Off Voltage
VDS(SAT)* Drain – Source Saturation Voltage
IDSX
Drain – Source Cut–Off Current
yfs*
Forward Transfer Admittance
-160
-200
±14
-0.1
-1.5
-12
-10
-10
1.4
4
* Pulse Test: Pulse Width = 300
µs , Duty Cycle ≤ 2%.
VGS = 10V
BUZ905DP
ID = -10mA
BUZ906DP
VDS = 0
IG = ±100µA
VDS = -10V
ID = -100mA
VGD = 0
ID = -16A
VDS = -160V
BUZ905DP
VGS = 10V
VDS = -200V
BUZ906DP
VDS = -10V
ID = -3A
V
V
V
V
mA
S
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
ton
Turn–on Time
toff
Turn-off Time
1900
900
60
150
110
VDS = 10V
f = 1MHz
VDS = 20V
ID = 7A
pF
ns
STATIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
50
100
150
200
250
300
0
0
25
50
75
100
125
150
T — CASE TEMPERATURE (˚C)
C
Derating Chart



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com