Electronic Components Datasheet Search
  English  ▼

X  

ASG303 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ASG303
Description  DC-2500 MHz SiGe HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ASG303 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ASG303 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASG303 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASG303 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASG303 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASG303 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASG303 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
ww.ASB.co.kr March 2004
Parameters
Units
Min.
Typ.
Max.
Frequency Range
MHz
250 - 2500
Gain
dB
18
19
Input VSWR
-
1.5
Output VSWR
-
1.5
Output IP3
2)
dBm
38
40
Noise Figure
dB
2.9
Output P1dB
dBm
19
Supply Current
mA
55
Supply Voltage
V
5
Thermal Resistance, Rth
3)
°C/W
78.2
1) Measurement conditions are as follows: T = 25
°C, VCC = 5 V, Freq. = 900 MHz, 50 ohm system.
2) OIP3 is measured with two tones at an output power of +8 dBm/tone separated by 1 MHz.
3) The thermal resistance was determined at a DC power of 0.270 W (VCC=5 V, IC=54 mA) with RF signal and a lead temperature
of 28.8
°C
Parameters
Rating
Remarks
Operating Case Temperature
-40 to
+85°C
Storage Temperature
-40 to
+150°C
Supply Voltage
8 V
Operating Junction Temperature
150
°C
Input RF Power (continuous)
+6 dB above Input P1dB
Part Number
Description
ASG303
High linearity medium power amplifier
(Available in tape and reel)
EB-ASG303-900
Fully assembled evaluation kit (900 MHz)
EB-ASG303-2000
Fully assembled evaluation kit (2000 MHz)
·
SiGe Technology
·
19 dB Gain at 900 MHz
·
+19 dBm P1dB
·
+40 dBm Output IP3
·
2.9 dB Noise Figure
·
MTTF > 100 Years
·
Single +5 V Supply
·
SOT-89 Surface Mount Package
Features
Description
Package Style: SOT-89
Specifications 1)
Applications
Absolute Maximum Ratings
DC-2500 MHz SiGe HBT Amplifier
The ASG303 is designed for high linearity, high
gain, and low noise over a wide range of fre-
quency, being suitable for use in both receiver
and
transmitter
of
wireless
and
wireline
telecommunication systems. The product is
manufactured using a state-of-the-art SiGe HBT
process of the company's own, making it cost-
effective and highly reliable. The amplifiers are
available in a low cost SOT-89 package
completing stringent DC and RF tests.
·
CDMA,GSM,W-CDMA,PCS
·
Gain Block
·
CATV Amplifier
·
IF Amplifier
·
Bluetooth Amplifier
·
Wireless LAN Amplifier
Ordering Information
Application Note
ASG303
303
Website: www.asb.co.kr
E-mail: sales@asb.co.kr
Tel: (82) 42-528-7220
Fax: (82) 42-528-7222
ASB Inc., 4th Fl. Venture Town
Bldg., 367-17 Goijeong-Dong,
Seo-Gu, Daejon 302-716, Korea
More Information


Similar Part No. - ASG303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG304 ETC-ASG304 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
logo
Pentair plc. All rights...
ASG30X24X6 PENTAIR-ASG30X24X6 Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASG30X24X6NK PENTAIR-ASG30X24X6NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASG30X24X8NK PENTAIR-ASG30X24X8NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASG30X30X10NK PENTAIR-ASG30X30X10NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
More results

Similar Description - ASG303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG304 ETC-ASG304 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
ASG101 ETC-ASG101 Datasheet
188Kb / 6P
DC-3000 MHz SiGe HBT Amplifier
ASG402 ETC1-ASG402 Datasheet
260Kb / 7P
DC-3000 MHz SiGe HBT Amplifier
logo
SIRENZA MICRODEVICES
SGA-4563 SIRENZA-SGA-4563 Datasheet
257Kb / 5P
DC-2500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Advanced Semiconductor ...
ASG330 ASB-ASG330 Datasheet
389Kb / 9P
DC-2500 MHz SiGe HBT Amplifier
November 2007
logo
TriQuint Semiconductor
QPA5263A TRIQUINT-QPA5263A Datasheet
712Kb / 7P
DC - 4500 MHz Cascadable SiGe HBT Amplifier
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA0363A QORVO-QPA0363A Datasheet
880Kb / 7P
DC ??5000 MHz Cascadable SiGe HBT Amplifier
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
QPA4263A QORVO-QPA4263A Datasheet
889Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com