Electronic Components Datasheet Search
  English  ▼

X  

AX10410A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX10410A
Description  High Speed Data Acquisition Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX10410A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX10410A Datasheet HTML 1Page - List of Unclassifed Manufacturers AX10410A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note: All specifications are subject to change without notice.
EPC 7-7
ORDERING INFORMATION
BLOCK DIAGRAM
CONNECTOR PIN ASSIGNMENT
High Speed Data Acquisition Module
Digital I/O Subsystem
¥ Digital Input Lines: 8
¥ Digital Output Lines: 8
¥ Logic Family: LSTTL
¥ Input/Output Level: TTL/DTL compatible
Counter/Timer Subsystem
¥ Type:
programmable interval timer counters Three 16-bit
down counters
¥ Clock Input: D.C. to 10MHz
¥ Input Level: TTL, DTL, CMOS compatible
¥ Output Range: 2.5MHz to 72 minutes/pls
Power Requirement
¥ +5VDC : 0.6A typ.
Physical/Environmental
¥ Dimensions (L x W): 95 x 90mm
¥ Weight: 130g
¥ Relative Humidity:
20 to 90%, non-condensing
¥ AX10410A
High Speed Data Acquisition Module, Gains: 1, 2, 4,
8, including user's manual, utility diskette with Basic,
C, Pascal and Windows drivers
Screw Terminal Panel
¥ AX750
General Purpose Screw Terminal Panel, with 1 meter
cable and 50-pin connector, is a convenient
connection interface for A/D, D/A and DIO signal
Other Terminal Panel
¥ AX752
16 Channel Amplifier & Multiplexer Panel
¥ AX757
8 Channel Relay Output & Optoisolated DI Panel
Software Driver
¥ AS59099
DOS, Windows® 3.1, Windows® 95/98/NT
DDL driver, and device utility (in CD-ROM)
(Note: for PCI board, DOS and Windows® 3.1 DLL driver are not avaiable)
¥ AS59080
Including ActiveX control driver, 3rd party
drivers (LABTECH, Labview, Dasylab), and
OPC server
AI0
AI1
AI2
AI3
AI4
AI5
AI6
AI7
AGND
N/C
OUT0
DA0
AGND
DO0
DO1
DO2
DO3
DGND
DO4
DO5
DO6
DO7
+5VP
ERTG
DGND
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
AI8
AI9
AI10
AI11
AI12
AI13
AI14
AI15
N/C
N/C
ECLK0
DA1
AGND
DI0
DI1
DI2
DI3
DGND
DI4
DI5
DI6
DI7
+12VP
RSVD
DGND
JP1
Name
Name



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com