Electronic Components Datasheet Search
  English  ▼

X  

BLC210 Datasheet(PDF) 1 Page - TOKO, Inc

Part # BLC210
Description  Inverter Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

BLC210 Datasheet(HTML) 1 Page - TOKO, Inc

  BLC210 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BLC210
BLC210HP
Inverter Transformers
インバータトランス
DESCRIPTION
BLC210/210HP type are a CCFL driving surface mount
inverter transformer which height are max. 5.3/6.0 mm
and formed by EIR ferrite cores.
●
Small and very low profile.(h=max 5.3/6.0mm)
●
Narrow width.(W=10 mm typ.)
●
Suitable for reflow soldering.
●
Available for mounting machine due to supply in a
form of tray.
概  要
●
BLC210/210HPタイプは、EIRコアを使用した高さmax.5.3
/6.0mmの冷陰極管駆動用面実装インバータトランスです。
●
小型、低背タイプです。(h=max 5.3/6.0mm)
●
狭幅タイプです。(W=10mm typ.)
●
リフローはんだ対応です。
●
トレイによる供給が可能で自動実装に最適です。
APPLICATION
●
It is suitable for inverter transformers for LCD backlight.
(Notebook size personal computer)
用  途
●
液晶バックライト用インバータトランスに最適です。
(ノート型パソコンなどに最適です。)
*Minimum frequency: Modifying CC and CL allows the adjustment of electrical characteristics. However, TOKO recommend that you allow for core saturation when
setting the minimum frequency.
下限周波数: CC、CLを変更することにより各電気的特性を調整できますが、コア飽和を配慮してこの周波数を下限としてご使用ください。
TYPE BLC210
846TN-1006
6.5
1200
578
4.6
86.0
52.5
846TN-1009
7.5
1320
556
5.4
85.0
55.0
東光品番
TOKO
Part
Number
Input
Voltage
(V)
Output
Voltage
(V) rms
Input
Current
(mA)
Output Current
(mA)
Efficiency
η(%)
Oscillating
Freq.
(kHz)
Electrical Characteristics
入力電圧
出力電圧
入力電流
発振周波数
電気的特性
出力電流
効率
4.0
8.0
0.6
0.8
0.5
7.8
10.3Max.
5.3Max.
7.8
2-1.7
8.0
4.0
1.4
(*1)BLC210 : 5.3mmMAX
BLC210HP : 5.8mmMAX
Unit : mm
Tolerance : ±0.2
(*1)


Similar Part No. - BLC210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLC200J112B4E ETC1-BLC200J112B4E Datasheet
294Kb / 4P
Type BLC Polypropylene Board Mount DC Link Capacitors
logo
Cornell Dubilier Electr...
BLC200J112B4E CDE-BLC200J112B4E Datasheet
246Kb / 5P
PCB Mount Power Film Capacitors
logo
List of Unclassifed Man...
BLC200J701B4B ETC1-BLC200J701B4B Datasheet
294Kb / 4P
Type BLC Polypropylene Board Mount DC Link Capacitors
logo
Cornell Dubilier Electr...
BLC200J701B4B CDE-BLC200J701B4B Datasheet
246Kb / 5P
PCB Mount Power Film Capacitors
logo
List of Unclassifed Man...
BLC200J901B4D ETC1-BLC200J901B4D Datasheet
294Kb / 4P
Type BLC Polypropylene Board Mount DC Link Capacitors
More results

Similar Description - BLC210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM61300 ETC1-PM61300 Datasheet
163Kb / 1P
SMT, CCFL Inverter Transformers
logo
Sumida Corporation
CPU144C SUMIDA-CPU144C Datasheet
152Kb / 1P
INVERTER TRANSFORMERS
logo
Mitsumi Electronics, Co...
C8-R MITSUMI-C8-R Datasheet
71Kb / 2P
Transformers for Inverter or Converter
TR9-B-S MITSUMI-TR9-B-S Datasheet
154Kb / 3P
Transformers for Inverter or Converter
logo
Bourns Electronic Solut...
PM61300-1 BOURNS-PM61300-1 Datasheet
171Kb / 1P
Inverter Transformers
logo
XFMRS Inc.
XF0013W4B XFMRS-XF0013W4B_15 Datasheet
50Kb / 1P
TRANSFORMERS
XF0033AT-00S XFMRS-XF0033AT-00S_15 Datasheet
74Kb / 1P
TRANSFORMERS
XF0013W16 XFMRS-XF0013W16_15 Datasheet
48Kb / 1P
TRANSFORMERS
XF00123D1 XFMRS-XF00123D1_15 Datasheet
75Kb / 1P
TRANSFORMERS
logo
Eaton All Rights Reserv...
CCFL EATON-CCFL Datasheet
562Kb / 6P
Cold cathode fluorescent lamp inverter transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com