Electronic Components Datasheet Search
  English  ▼

X  

LBAT40HT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAT40HT1G
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT40HT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAT40HT1G Datasheet HTML 1Page - Leshan Radio Company LBAT40HT1G Datasheet HTML 2Page - Leshan Radio Company LBAT40HT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER DIODE
LESHAN RADIO COMPANY, LTD.
LBAT40HT1G
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
LBAT40HT1G
6S
3000/Tape&Reel
LBAT40HT3G
6S
10000/Tape&Reel
Features
1) Small surface mounting type.
2) Ultra low VF(VF=0.5V Typ. at 0.2A)
3) High reliability.
RoHS requirements.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, *
PD
200
mW
TA = 25°C
Derate above 25°C
1.57
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
635
°C/W
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
V R
40
Vdc
Peak Forward Current
I
F
350
mAdc
Peak Forward Surge Current
I FM(surge)
1500
mAdc
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
I R
µAdc
(VR = 25 Vdc)
–
1.0
Reverse Breakdown Voltage
V(BR)
40
–
Vdc
(IBR = 10
µAdc)
Forward Voltage
VF
mV
(IF = 20 mAdc)
–
370
(IF = 200 mAdc)
–
600
*. FR–5 = 1.0 x 0.75 x 0.062 in.
SC-76/SOD-323
1
CATHODE
2
ANODE
4) We declare that the material of product compliance with
Junction Temperature
T J
125Max
°C
Storage Temperature Range
T stg
–65 to +125
°C
(TJ =125°C unless otherwise noted )
S-LBAT40HT1G
S-LBAT40HT1G
S-LBAT40HT3G
5) S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
Rev .A 1/3


Similar Part No. - LBAT40HT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT40HT1G LRC-LBAT40HT1G_15 Datasheet
116Kb / 2P
SCHOTTKY BARRIER DIODE
More results

Similar Description - LBAT40HT1G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com