Electronic Components Datasheet Search
  English  ▼

X  

LBAT40HT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBAT40HT3G
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT40HT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBAT40HT3G Datasheet HTML 1Page - Leshan Radio Company LBAT40HT3G Datasheet HTML 2Page - Leshan Radio Company LBAT40HT3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
Rev .A 2/3
1.0E-10
1.0E-09
1.0E-08
1.0E-07
1.0E-06
1.0E-05
1.0E-04
1.0E-03
0
10
20
30
40
VR,Reverse Voltage (V)
125
℃
-55
℃
85
℃
25
℃
0
5
10
15
20
25
30
35
40
0
10
20
30
40
VR,Reverse Voltage (V)
0.0001
0.001
0.01
0.1
1
0
0.2
0.4
0.6
VF,Forward Voltage (V)
125
℃
-55
℃
85
℃
25
℃
Capacitance
IF vs. VF
IR vs. VR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com