Electronic Components Datasheet Search
  English  ▼

X  

74VHCT245AMTC Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VHCT245AMTC
Description  Octal Buffer/Line Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHCT245AMTC Datasheet(HTML) 2 Page - ON Semiconductor

  74VHCT245AMTC Datasheet HTML 1Page - ON Semiconductor 74VHCT245AMTC Datasheet HTML 2Page - ON Semiconductor 74VHCT245AMTC Datasheet HTML 3Page - ON Semiconductor 74VHCT245AMTC Datasheet HTML 4Page - ON Semiconductor 74VHCT245AMTC Datasheet HTML 5Page - ON Semiconductor 74VHCT245AMTC Datasheet HTML 6Page - ON Semiconductor 74VHCT245AMTC Datasheet HTML 7Page - ON Semiconductor 74VHCT245AMTC Datasheet HTML 8Page - ON Semiconductor 74VHCT245AMTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
tm
May 2007
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT245A Rev. 1.3
74VHCT245A
Octal Buffer/Line Driver with 3-STATE Outputs
Features
■ High Speed: tPD = 5.4ns (Typ.) at VCC = 5V
■ Power Down Protection on Inputs and Outputs
■ Low Power Dissipation: ICC = 4µA (Max.) @ TA = 25°C
■ Pin and Function Compatible with 74HCT245
General Description
The VHCT245A is an advanced high speed CMOS octal
bus transceiver fabricated with silicon gate CMOS tech-
nology. It achieves high speed operation similar to equiv-
alent Bipolar Schottky TTL while maintaining the CMOS
low power dissipation. The VHCT245A is intended for
bidirectional asynchronous communication between
data busses. The direction of data transmission is deter-
mined by the level of the T/R input. The enable input can
be used to disable the device so that the busses are
effectively isolated.
Protection circuits ensure that 0V to 7V can be applied to
the input and output(1) pins without regard to the supply
voltage. These circuits prevent device destruction due to
mismatched supply and input/output voltages. This
device can be used to interface 5V to 3V systems and
two supply systems such as battery back up.
Note:
1. Outputs in OFF-State
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number. Pb-Free package per JEDED J-STD-020B.
Order Number
Package
Number
Package Description
74VHCT245AM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHCT245ASJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT245AMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com