Electronic Components Datasheet Search
  English  ▼

X  

ICS831721I Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS831721I
Description  Differential Clock/Data Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS831721I Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS831721I_14 Datasheet HTML 1Page - Integrated Device Technology ICS831721I_14 Datasheet HTML 2Page - Integrated Device Technology ICS831721I_14 Datasheet HTML 3Page - Integrated Device Technology ICS831721I_14 Datasheet HTML 4Page - Integrated Device Technology ICS831721I_14 Datasheet HTML 5Page - Integrated Device Technology ICS831721I_14 Datasheet HTML 6Page - Integrated Device Technology ICS831721I_14 Datasheet HTML 7Page - Integrated Device Technology ICS831721I_14 Datasheet HTML 8Page - Integrated Device Technology ICS831721I_14 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ICS831721AGI REVISION A FEBRUARY 3, 2014
3
©2014 Integrated Device Technology, Inc.
ICS831721I Data Sheet
DIFFERENTIAL CLOCK/DATA MULTIPLEXER
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of the product at these conditions or any conditions beyond those listed in the DC Characteristics or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDD + 0.5V
Package Thermal Impedance,
JA
100.3°C/W (0 mps)
Storage Temperature, TSTG
-65
Cto150C
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL Input DC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
Table 4C. Differential DC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Item
Rating
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.0
3.3
3.6
V
IDD
Power Supply Current
26
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
nOE
VDD =VIN = 3.6V
5
µA
SEL
VDD =VIN = 3.6V
150
µA
IIL
Input Low Current
nOE
VDD = 3.6V, VIN = 0V
-150
µA
SEL
VDD = 3.6V, VIN =0V
-5
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High
Current
CLK0, nCLK0,
CLK1, nCLK1
VDD =VIN = 3.6V
150
µA
IIL
Input Low
Current
CLK0, CLK1
VDD = 3.6V, VIN =0V
-5
µA
nCLK0,
nCLK1
VDD = 3.6V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage;
NOTE 1
0.15
1.3
V
VCMR
Common Mode Input
Voltage; NOTE 1, 2
0.5
VDD – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com