Electronic Components Datasheet Search
  English  ▼

X  

FELCOM64 Datasheet(PDF) 4 Page - Schurter Inc.

Part # FELCOM64
Description  IEC Appliance Inlet C14 with modular extended Components
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FELCOM64 Datasheet(HTML) 4 Page - Schurter Inc.

  FELCOM64 Datasheet HTML 1Page - Schurter Inc. FELCOM64 Datasheet HTML 2Page - Schurter Inc. FELCOM64 Datasheet HTML 3Page - Schurter Inc. FELCOM64 Datasheet HTML 4Page - Schurter Inc. FELCOM64 Datasheet HTML 5Page - Schurter Inc. FELCOM64 Datasheet HTML 6Page - Schurter Inc. FELCOM64 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Power entry modules without line filter
Felcom 64
https://www.schurter.com /PG05
Connectors
Diagrams
6421
2)
1)
L
LINE
N
1) Load 2
2) Load 1
6422
2)
1)
1) Line
2) Load 1
6423
2)
1)
L
LINE
N
1) Load 2
2) Load 1
6424
2)
1)
1) Line
2) Load 1
6431
2)
1)
L
LINE
N
1) Load 2
2) Load 1
6432
2)
1)
L
LINE
N
1) Load 2
2) Load 1
Derating Curves
1-pole
020406080
100
I = << In
I = 0.7 In
I = 1.0 In
2.0
1.5
1.0
0.5
0.0
Ambient air temperature Ta °C
2-pole
020406080
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.6
0.6
0.4
0.8
1.2
1.0
1.4
Ambient air temperature Ta °C
All Variants
Type
Connectors
Connector
Line Switch
Fuseholder
connection type
Panel Thickness s [mm] Order Number
Felcom 64
C14
-
-
-
Solder terminals 3.5 x 0.8 mm
1.5
6455.0051.15
Felcom 64
C14
-
2-pole
-
Quick connect terminals 6.3 x 0.8 mm
1.0
6422.0053.10
Felcom 64
C14
-
2-pole
-
Quick connect terminals 6.3 x 0.8 mm
1.2
6422.0053.12
Felcom 64
C14
-
2-pole
-
Quick connect terminals 6.3 x 0.8 mm
1.5
6422.0053.15
Felcom 64
C14
-
2-pole
-
Quick connect terminals 6.3 x 0.8 mm
2.0
6422.0053.20
Felcom 64
C14
-
2-pole
-
Quick connect terminals 6.3 x 0.8 mm
2.5
6422.0053.25
Felcom 64
C14
-
2-pole
-
Quick connect terminals 6.3 x 0.8 mm
3.0
6422.0053.30
Felcom 64
C14
-
2-pole
-
Solder terminals 3.5 x 0.8 mm
1.2
6422.0051.12
Felcom 64
C14
-
2-pole
-
Solder terminals 3.5 x 0.8 mm
1.5
6422.0051.15
Felcom 64
C14
-
2-pole
1-pole
Quick connect terminals 6.3 x 0.8 mm
1.0
6424.0153.10
Felcom 64
C14
-
2-pole
1-pole
Quick connect terminals 6.3 x 0.8 mm
1.2
6424.0153.12
Felcom 64
C14
-
2-pole
1-pole
Quick connect terminals 6.3 x 0.8 mm
1.5
6424.0153.15
█
Felcom 64
C14
-
2-pole
1-pole
Quick connect terminals 6.3 x 0.8 mm
2.0
6424.0153.20
█
Felcom 64
C14
-
2-pole
1-pole
Quick connect terminals 6.3 x 0.8 mm
2.5
6424.0153.25
Felcom 64
C14
-
2-pole
1-pole
Quick connect terminals 6.3 x 0.8 mm
3.0
6424.0153.30
Felcom 64
C14
-
2-pole
1-pole
Solder terminals 3.5 x 0.8 mm
1.0
6424.0151.10
Felcom 64
C14
-
2-pole
1-pole
Solder terminals 3.5 x 0.8 mm
1.2
6424.0151.12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com