Electronic Components Datasheet Search
  English  ▼

X  

10D Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 10D
Description  METAL OXIDE VARISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

10D Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  10D Datasheet HTML 1Page - SUNMATE electronic Co., LTD 10D Datasheet HTML 2Page - SUNMATE electronic Co., LTD 10D Datasheet HTML 3Page - SUNMATE electronic Co., LTD 10D Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Varistor
Voltage
Max. Allowab
Voltage
Max. Energy
(2ms)
Max. Clamping
Voltage
(8/20
μs)
Withstanding Surge
Current(8/20
μs)
Rated
Power
Typical
Capacitance
(Reference)
V1mA(V)
VAC(V) VDC(V)
(J)
Standard
IP(A)
VC(V)
I(A)
Standard
(W)
@1KHz(pf)
16~20
11
14
1.6
5
38
500
0.05
7500
20~24
14
18
2.0
5
43
500
0.05
6000
24~30
17
22
2.4
5
53
500
0.05
4800
30~36
20
26
3.0
5
65
500
0.05
4200
35~43
25
31
3.5
5
77
500
0.05
3700
42~52
30
38
4.2
5
93
500
0.05
3300
50~62
35
45
5.0
5
110
500
0.05
2900
61~75
40
56
6.1
5
135
500
0.05
2500
74~90
50
65
7.4
25
135
2500
0.4
2100
90~110
60
85
9.0
25
165
2500
0.4
1700
108~132
75
100
10.8
25
200
2500
0.4
1500
135~165
95
125
13.5
25
250
2500
0.4
1300
162~198
115
150
16.2
25
300
2500
0.4
470
180~220
130
170
18.0
25
340
2500
0.4
430
198~242
140
180
19.8
25
360
2500
0.4
390
216~264
150
200
21.6
25
395
2500
0.4
360
243~297
175
225
24.3
25
455
2500
0.4
330
270~330
195
250
27.0
25
505
2500
0.4
290
297~363
210
275
29.7
25
550
2500
0.4
280
324~396
230
300
32.4
25
595
2500
0.4
260
351~429
250
320
35.1
25
650
2500
0.4
240
387~473
275
350
38.7
25
710
2500
0.4
220
423~517
300
385
42.3
25
775
2500
0.4
190
~561
320
418
42.3
25
845
2500
0.4
180
504~616
350
460
42.3
25
920
2500
0.4
180
558~682
385
505
42.3
25
1025
2500
0.4
160
612~748
420
560
42.3
25
1120
2500
0.4
140
675~825
460
615
42.3
25
1240
2500
0.4
130
702~858
485
640
42.3
25
1290
2500
0.4
130
738~902
510
670
44.3
25
1355
2500
0.4
130
819~1001
550
745
49.1
25
1500
2500
0.4
120
855~1045
580
780
51.3
25
1570
2500
0.4
110
900~1100
625
825
54.0
25
1650
2500
0.4
100
990~1210
680
895
59.4
25
1815
2500
0.4
90
1080~1320
750
990
90.0
25
1980
2500
0.4
85
1350~1650
900
1220
80.0
25
2475
2500
0.4
80
1620~1980
1000
1465
97.2
25
2970
2500
0.4
60
Note: The energy (10/1000
μs) is about 1.4 times of energy(2ms)
Standard
Type Number
459
10D180K
10D220K
10D270K
10D330K
10D390K
10D470K
10D560K
10D680K
10D820K
10D101K
10D121K
10D151K
10D181K
10D201K
10D221K
10D241K
10D271K
10D301K
10D331K
10D361K
10D391K
10D431K
10D471K
10D511K
10D561K
10D621K
10D681K
10D751K
10D781K
10D821K
10D911K
10D951K
10D102K
10D112K
10D122K
10D152K
10D182K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com