Electronic Components Datasheet Search
  English  ▼

X  

14D Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 14D
Description  METAL OXIDE VARISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

14D Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  14D Datasheet HTML 1Page - SUNMATE electronic Co., LTD 14D Datasheet HTML 2Page - SUNMATE electronic Co., LTD 14D Datasheet HTML 3Page - SUNMATE electronic Co., LTD 14D Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Varistor
Voltage
Max. Allowable
Voltage
Max. Energy
(2ms)
Max. Clamping
Voltage
(8/20
μs)
Withstanding Surge
Current(8/20
μs)
Rated
Power
Typical
Capacitance
(Reference)
Standard
V1mA(V)
VAC(V) VDC(V)
(J)
Standard
IP(A)
VC(V)
I(A)
Standard
(W)
@1KHz(pf)
16~20
11
14
3.2
10
38
1000
0.1
18000
20~24
14
18
4.0
10
43
1000
0.1
15000
24~30
17
22
4.9
10
53
1000
0.1
10000
30~36
20
26
5.9
10
65
1000
0.1
8500
35~43
25
31
7.0
10
77
1000
0.1
7500
42~52
30
38
8.5
10
93
1000
0.1
6500
50~62
35
45
10.1
10
110
1000
0.1
5600
61~75
40
56
12.2
10
135
1000
0.1
4700
74~90
50
65
14.8
50
135
4500
0.6
3900
90~110
60
85
18.0
50
165
4500
0.6
3400
108~132
75
100
21.6
50
200
4500
0.6
3100
135~165
95
125
27.0
50
250
4500
0.6
3000
162~198
115
150
32.4
50
300
4500
0.6
1030
198~242
140
180
39.6
50
360
4500
0.6
840
243~297
175
225
48.6
50
455
4500
0.6
650
Note: The energy (10/1000
μs) is about 1.4 times of energy(2ms)
Type Number
185~225
170
36.0
50
340
4500
0.6
970
216~264
150
200
43.2
50
395
4500
0.6
710
130
270~330
297~363
324~396
351~429
387~473
423~517
459~561
504~616
558~682
612~748
675~825
702~858
738~902
819~1001
855~1045
900~1100
990~1210
1350~1650
1620~1980
195
210
230
250
275
300
320
350
385
420
460
485
510
550
580
625
680
900
1000
1220
1465
250
275
300
320
350
385
418
460
505
560
615
640
670
745
780
825
895
54.0
59.4
64.8
70.2
77.4
84.6
84.6
84.6
84.6
84.6
90.0
93.6
98.4
109.2
113.7
120.0
132.0
179.0
216.0
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
505
550
595
650
710
775
842
920
1025
1120
1240
1290
1355
1500
1570
1650
1815
2475
2970
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
4500
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
600
550
500
480
440
420
390
360
320
290
260
230
230
200
190
180
150
140
120
14D180K
14D220K
14D270K
14D330K
14D390K
14D470K
14D560K
14D680K
14D820K
14D101K
14D121K
14D151K
14D181K
14D221K
14D271K
14D201K
14D241K
14D301K
14D331K
14D361K
14D391K
14D431K
14D471K
14D511K
14D561K
14D621K
14D681K
14D751K
14D781K
14D821K
14D911K
14D951K
14D102K
14D112K
14D152K
14D182K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com