Electronic Components Datasheet Search
  English  ▼

X  

20D Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 20D
Description  METAL OXIDE VARISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

20D Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  20D Datasheet HTML 1Page - SUNMATE electronic Co., LTD 20D Datasheet HTML 2Page - SUNMATE electronic Co., LTD 20D Datasheet HTML 3Page - SUNMATE electronic Co., LTD 20D Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Type Number
Varistor
Voltage
Max. Allowable
Voltage
Max. Energy
(2ms)
Max. Clamping
Voltage
(8/20
μs)
Withstanding Surge
Current(8/20
μ )
R
Power
Typical
Capacitance
(Reference)
Standard
V1mA(V)
VAC(V) VDC(V)
(J)
Standard
IP(A)
VC(V)
I(A)
Standard
(W)
1KHz(pf)
650
900
100
Note: The energy (10/1000
μs) is about 1.4 times of energy(2ms)
11
14
17
20
25
30
35
40
50
60
75
95
115
130
140
150
175
195
210
230
250
275
300
320
350
385
420
460
485
510
550
580
625
680
740
900
1000
14
18
22
26
31
38
45
56
65
85
100
125
150
825
895
975
1220
1465
170
180
200
225
250
275
300
320
350
385
418
460
505
560
615
640
670
745
780
42~52
50~62
61~75
74~90
90~110
108~132
135~165
162~198
185~225
198~242
216~264
243~297
270~330
297~363
324~396
351~429
387~473
423~517
459~561
504~616
558~682
612~748
675~825
702~858
738~902
819~1001
855~1045
900~1100
990~1210
1080~1320
1350~1650
1620~1980
16~20
20~24
24~30
30~36
35~43
5.4
6.6
8.1
9.9
11.7
14.1
16.8
20.4
24.6
30.0
36.0
45.0
54.0
60.0
66.0
72.0
81.0
90.0
99.0
108.0
117.0
129.0
141.0
153.0
168.0
186.0
186.0
186.0
187.2
196.8
218.4
228.0
240.0
264.0
288
359.0
432.0
25
25
25
25
25
25
25
25
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
38
43
53
65
77
93
110
135
135
165
200
250
300
340
360
395
455
505
550
595
710
775
842
920
1025
1120
1240
1290
1355
1500
1570
1650
1815
2010
2475
2970
2000
2000
2000
2000
2000
2000
2000
2000
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
39000
32000
22000
18000
16000
14000
12000
10000
5800
4800
3800
3000
2600
2400
1800
1500
1400
1350
1300
1250
1180
1100
1050
1000
970
950
850
750
700
600
580
500
450
440
400
220
@
ated
20D180K
20D220K
20D270K
20D330K
20D390K
20D470K
20D560K
20D680K
20D820K
20D101K
20D121K
20D151K
20D181K
20D201K
20D221K
20D241K
20D271K
20D301K
20D331K
20D361K
20D391K
20D431K
20D471K
20D511K
20D561K
20D621K
20D681K
20D751K
20D781K
20D821K
20D911K
20D951K
20D102K
20D112K
20D122K
20D152K
20D182K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com