Electronic Components Datasheet Search
  English  ▼

X  

34S Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 34S
Description  METAL OXIDE VARISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

34S Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  34S Datasheet HTML 1Page - SUNMATE electronic Co., LTD 34S Datasheet HTML 2Page - SUNMATE electronic Co., LTD 34S Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Max. Allowable Voltage
Max. Energy
(10/1000
μs)
Max. Clamping
Voltage
(8/20
μs)
Max.
Peak Current
(8/20
μs)
Typical
Capacitance
(Reference)
I(A)
@1KHz(pf)
Type Number
Varistor Voltage
V1mA(V)
42~52
50~63
61~75
74~90
90~110
108~132
135~165
162~198
185~225
198~242
222~270
256~310
270~330
297~363
324~396
362~440
387~473
423~517
459~561
504~616
558~682
612~748
675~825
702~858
738~902
819~1001
855~1045
900~1100
990~1210
1150~1320
1315~1540
1550~1760
1700~1980
VAC(V)
30
35
40
50
60
75
95
115
130
140
150
180
190
210
230
250
275
300
320
350
385
420
460
485
510
550
575
625
680
750
850
1000
1100
VDC(V)
38
45
56
65
85
100
125
150
170
180
200
225
250
275
300
320
350
385
415
460
505
560
615
640
670
745
760
825
895
980
1120
1320
1485
(J)
96
115
136
156
195
235
296
350
400
450
480
540
600
656
745
830
920
1000
1060
1150
1250
1250
1280
1350
1395
1475
1485
1550
1700
1750
1750
2000
2000
IP(A)
60
60
60
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
VC(V)
93
110
135
135
165
200
250
300
340
360
395
455
500
550
595
650
710
775
845
925
1025
1120
1240
1290
1355
1500
1570
1650
1815
1980
2310
2640
2970
20000
20000
20000
30000
30000
45000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
45000
45000
45000
45000
45000
40000
40000
40000
40000
35000
29500
24200
17950
15000
12200
10000
8250
6750
6400
5650
5100
4510
4150
3750
3500
2950
2880
2650
2450
2200
2000
1820
1750
1650
1500
1430
1350
1230
1135
970
840
800
34S470K
34S560K
34S680K
34S820K
34S101K
34S121K
34S151K
34S181K
34S201K
34S221K
34S241K
34S271K
34S301K
34S331K
34S361K
34S391K
34S431K
34S471K
34S511K
34S561K
34S621K
34S681K
34S751K
34S781K
34S821K
34S911K
34S951K
34S102K
34S112K
34S122K
34S142K
34S162K
34S182K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com