Electronic Components Datasheet Search
  English  ▼

X  

SM600 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SM600
Description  POSITIVE THERMAL COEFFICIENT(PTC)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM600 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SM600 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM600 Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM600 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Positive Thermal Coefficient devices(PTC),provide over-current
protection for electrical and electronic devices. They function
using conducting strips of metal imbedded inside polymers.
Under normal conditions, the devices resistance is near zero,
but over-current conditions will heat the PTC and expand the
polymer, increasing the impedance. When current returns to
normal, the components cool down, returning to their original
shape and very low levels of resistance.
l Over-current and over-temperature protection of
automotive electronics
l Hard disk drives
l Point-of-sale (POS) equipment
l PCMCIA cards
l Power over Ethernet (POE)
l HDMI 1.4 Source protection
l Computers & peripherals
l Industrial control
l Security systems
l I(hold): 0.11~0.16A
l 600V Operating voltages
l Radial leaded devices.
l Over-current protection
l Very high voltage surge capabilities.
l Available in lead-free version.
l Fast time–to–trip
l RoHS compliant, Lead- Free and Halogen-Free
Test
Conditions
Resistance change
Passive aging
+85℃,1000hrs
±8% typical
Humidity aging
+85℃,85%R.H.1000hrs
±8% typical
Thermal shock
+125
℃ to -55℃,10times
±12% typical
Resistance to solvent
MIL-STD-202,Method 215
No change
Vibration
MIL-STD-202,Method 201
No change
X
X
X
-
0
6
M
S
LOGO
Hold current
0
Voltage rating(VDC)
Part Number Code
Description
Features
Applications
SM600 Series
POSITIVE THERMAL COEFFICIENT(PTC)
Environmental Specifications


Similar Part No. - SM600

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM600 MICROSEMI-SM600 Datasheet
66Kb / 4P
SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Powerbox
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
6000 WATTS PROGRAMMABLE DC SUPPLY
logo
Silicon Mitus, Inc.
SM6001 SILICONMITUS-SM6001 Datasheet
347Kb / 1P
36 V, 1 A Buck Converter
December 2017 Rev. 0.0.0
logo
Solid State Optronic
SM6002 SSOUSA-SM6002 Datasheet
248Kb / 7P
Built in active discharge circuit for fast turn-off
logo
Solid State Inc
SM6002 SOLIDSTATE-SM6002 Datasheet
260Kb / 7P
Compact 6 pin DIP/SMD package
Rev 2.00
More results

Similar Description - SM600

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Semikron International
SEMIX101GD12VS SEMIKRON-SEMIX101GD12VS Datasheet
472Kb / 5P
positive temperature coefficient
logo
Infineon Technologies A...
SIGC20T120LE INFINEON-SIGC20T120LE Datasheet
175Kb / 5P
positive temperature coefficient
Rev 2.1, 27.06.2014
SIGC32T120R3E INFINEON-SIGC32T120R3E Datasheet
180Kb / 5P
positive temperature coefficient
Rev 2.3, 27.06.2014
logo
SUNMATE electronic Co.,...
SM06 SUNMATE-SM06 Datasheet
404Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD0603P SUNMATE-SMD0603P Datasheet
1Mb / 5P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD0805P SUNMATE-SMD0805P Datasheet
1Mb / 6P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD1206P SUNMATE-SMD1206P Datasheet
1Mb / 6P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD2018 SUNMATE-SMD2018 Datasheet
468Kb / 4P
POSITIVE THERMAL COEFFICIENT(PTC)
SMVR240 SUNMATE-SMVR240 Datasheet
635Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com