Electronic Components Datasheet Search
  English  ▼

X  

5D301K Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 5D301K
Description  METAL OXIDE VARISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

5D301K Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  5D301K Datasheet HTML 1Page - SUNMATE electronic Co., LTD 5D301K Datasheet HTML 2Page - SUNMATE electronic Co., LTD 5D301K Datasheet HTML 3Page - SUNMATE electronic Co., LTD 5D301K Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
(
μ
(
μ
V1mA(V)
VAC(V)
VDC(V)
(J)
IP(A)
VC(V)
I(A)
(W)
@1KHz(pf)
11
14
1
40
100
2400
14
18
1
48
100
1800
17
22
1
60
100
1500
20
26
1
73
100
1200
25
31
1
86
100
1000
30
38
1
104
100
850
35
45
1
123
100
700
40
56
1
145
100
560
50
65
5
150
400
480
60
85
5
175
400
420
75
100
5
210
400
360
95
125
5
260
400
280
115
150
5
320
400
200
130
170
5
355
400
160
140
180
5
380
400
110
150
200
5
415
400
85
175
225
5
475
400
75
195
250
5
525
400
75
210
275
5
575
400
75
230
300
5
620
400
70
250
320
5
675
400
70
275
350
5
745
400
65
300
385
5
810
400
55
320
418
5
882
400
55
350
460
5
968
400
50
385
505
5
1072
400
45
420
560
5
1176
400
40
460
615
5
1300
400
35
Type
um er
N
b
Varistor Voltage
Max. Allowable
Voltage
Max. Energy
(2ms)
Voltage
8/20 s!
Max. Clamping
Withstanding
8/20 s!
Surge Current
Rated
Power
Typical
(Reference)
Capacitance
16~20
20~24
24~30
30~36
35~43
42~52
50~62
61~75
74~90
90~110
108~132
135~165
162~198
180~220
198~242
216~264
243~297
270~330
297~363
324~396
351~429
387~473
423~517
459~561
504~616
558~682
612~748
675~825
0.3
0.4
0.5
0.6
0.7
0.8
1.0
1.2
1.5
1.8
2.2
2.7
3.2
3.6
4.0
4.3
4.9
5.4
5.9
6.5
7.0
7.7
8.5
9.2
10.1
11.2
12.2
13.5
0.01
0.01
0.01
0.01
0.01
0.01
0.01
0.01
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
5D180K
5D220K
5D270K
5D330K
5D390K
5D470K
5D560K
5D680K
5D820K
5D101K
5D121K
5D151K
5D181K
5D201K
5D221K
5D241K
5D271K
5D301K
5D331K
5D361K
5D391K
5D431K
5D471K
5D511K
5D561K
5D621K
5D681K
5D751K
Note: The energy (10/1000
μs) is about 1.4 times of energy(2ms)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com