Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC320G Datasheet(PDF) 49 Page - ACE Technology Co., LTD.

Part # ACE25QC320G
Description  32M BIT SPI NOR FLASH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC320G Datasheet(HTML) 49 Page - ACE Technology Co., LTD.

Back Button ACE25QC320G Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 53Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
ACE25QC320G
32M BIT SPI NOR FLASH
VER 1.2
49
AC Electrical Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fc
Clock frequency for all instructions, except Read Data(03H)
DC.
104
MHz
Fc1
Clock frequency for Dual I/O(BBH),Qual I/O(EBH),Qual
output(6BH)(Dual I/O & Qual I/O without High
Performance Mode) on 2.7v-3.0v power supply
DC.
80
MHz
Fc2
Clock frequency for Dual I/O(BBH),Qual I/O(EBH),Qual
output(6BH)(Dual I/O &Qual I/O with High Performance
Mode) on 2.7v-3.6v power supply
DC.
120
MHz
fR
Clock freq. Read Data instruction(03H)
DC.
55
MHz
tCLH
Serial Clock High Time
4
ns
tCLL
Serial Clock Low Time
4
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1
(1)
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.1
(1)
V/ns
tSLCH
/CS Active Setup Time
5
ns
tCHSH
/CS Active Hold Time
5
ns
tSHCH
/CS Not Active Setup Time
5
ns
tCHSL
/CS Not Active Hold Time
5
ns
tSHSL
/CS High Time(read/write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
0
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
/Hold Low Setup Time (relative to Clock)
5
ns
tHHCH
/Hold High Setup Time (relative to Clock)
5
ns
tCHHL
/Hold High Hold Time (relative to Clock)
5
ns
tCHHH
/Hold Low Hold Time (relative to Clock)
5
ns
tHLQZ
/Hold Low To High-Z Output
6
ns
tHHQX
/Hold Low To Low-Z Output
6
ns
tCLQV
Clock Low To Output Valid
7
ns
tWHSL
Write Protect Setup Time Before /CS Low
20
ns
tSHWL
Write Protect Hold Time After /CS High
100
ns
tDP
/CS High To Deep Power-Down Mode
20
µs
tRES1
/CS High To Standby Mode Without Electronic Signature
Read
20
µs
tRES2
/CS High To Standby Mode With Electronic Signature Read
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com