Electronic Components Datasheet Search
  English  ▼

X  

ACE301A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE301A
Description  Ultra-Small High-Precision Low Voltage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE301A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE301A
Ultra-Small High-Precision Low Voltage Detector
VER 1.1
1
Description
The ACE301A Series is a series of high-precision low voltage detectors developed using CMOS
process. The detection voltage is fixed internally, with an accuracy of 2.0%. Two output forms, NMOS
open-drain and CMOS output, are available.
Features
Ultra-low
current consumption: 0.9μA@3.5V(Typ.)
High-precision detection voltage:±2.0%
Operating voltage range:0.7 V~ 6.0V
Hysteresis characteristics: -VDET×5%(Typ.)
Detection voltage: 0.9V ~ 2.0V(10mV step)
Output forms:
NMOS open-drain output (Active Low)
CMOS output (Active Low)
Application
Memory battery back-up circuits
Power-on reset circuits
Power failure detection
Power monitor for portable equipment such as notebook computers, digital cameras, PDA,
and cellular phones.
Constant voltage power monitors for cameras, video equipment and communication
devices.
Power monitor for microcomputers and reset for CPUs.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power supply voltage
V
DD
VSS-0.3 ~ VSS+8
V
Output voltage
V
OUT
VSS-0.3 ~ VSS+8
V
Power dissipation
SOT-23-3
PD
400
mW
SOT-23-5
400
SOT-89-3
600
TO-92
500
Operating ambient temperature
Topr
-40 ~85
°C
Storage temperature
Tstg
-40 ~25
°C
Soldering Temperature & Time
T
solder
260℃, 10s


Similar Part No. - ACE301A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.3
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301 Datasheet
900Kb / 19P
High-precision Low Voltage Detector
VER 1.6
ACE3010M ACE-ACE3010M Datasheet
529Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE301C09AM+ ACE-ACE301C09AM+ Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.3
More results

Similar Description - ACE301A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 SII-S-1000 Datasheet
494Kb / 38P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
Leshan Radio Company
LR8809 LRC-LR8809 Datasheet
441Kb / 7P
ULTRA-SMALL BUILT-IN DELAY HIGH-PRECISION VOLTAGE DETECTOR
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
Ultra-small package High-precision Voltage Detector with delay
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
High-precision Low Voltage Detector
VER 1.2
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
Ultra-Small High-Precision Low Voltage Detector
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com