Electronic Components Datasheet Search
  English  ▼

X  

AH3772 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AH3772
Description  HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3772 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AH3772 Datasheet HTML 4Page - Diodes Incorporated AH3772 Datasheet HTML 5Page - Diodes Incorporated AH3772 Datasheet HTML 6Page - Diodes Incorporated AH3772 Datasheet HTML 7Page - Diodes Incorporated AH3772 Datasheet HTML 8Page - Diodes Incorporated AH3772 Datasheet HTML 9Page - Diodes Incorporated AH3772 Datasheet HTML 10Page - Diodes Incorporated AH3772 Datasheet HTML 11Page - Diodes Incorporated AH3772 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AH3772
Document number: DS38106 Rev. 2 - 2
8 of 14
www.diodes.com
April 2018
© Diodes Incorporated
AH3772
Ordering Information
AH3772 - XXX - X
Packing
Package
7 : Tape & Reel
A: Ammo Box (Note 14)
B: Bulk (Note 15)
P : SIP-3
SA : SOT23
W : SC59
Part Number
Package
Code
Packaging
Bulk
7
” Tape and Reel
Ammo Box
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AH3772-P-A
P
SIP-3
—
—
—
—
4000/Box
-A
AH3772-P-B
P
SIP-3
1000
-B
—
—
—
—
AH3772-SA-7
SA
SOT23
—
—
3000/Tape & Reel
-7
—
—
AH3772-W-7
W
SC59
—
—
3000/Tape & Reel
-7
—
—
Notes:
14. Ammo Box is for SIP-3 Spread Lead.
15. Bulk is for SIP-3 Straight Lead.
Marking Information
(1)
Package Type: SOT23 and SC59
Part Number
Package
Identification Code
AH3772
SOT23
WV
AH3772
SC59
YV
(2)
Package Type: SIP-3
3772
Part Number
( Top View )
Y WW X
X : Internal Code
Y : Year : 0~9
WW : Week : 01~52, "52" represents
52 and 53 week
Part Number
Package
Identification Code
AH3772
SIP-3
3772
XX Y W X
( Top View )
XX : Identification code
W : Week : A to Z : 1 to 26 week;
X : Internal code
Y : Year 0 to 9
a to z : 27 to 52 week; z represents
52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com