Electronic Components Datasheet Search
  English  ▼

X  

PAM8001 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PAM8001
Description  ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8001 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PAM8001 Datasheet HTML 5Page - Diodes Incorporated PAM8001 Datasheet HTML 6Page - Diodes Incorporated PAM8001 Datasheet HTML 7Page - Diodes Incorporated PAM8001 Datasheet HTML 8Page - Diodes Incorporated PAM8001 Datasheet HTML 9Page - Diodes Incorporated PAM8001 Datasheet HTML 10Page - Diodes Incorporated PAM8001 Datasheet HTML 11Page - Diodes Incorporated PAM8001 Datasheet HTML 12Page - Diodes Incorporated PAM8001 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PAM8001
Document number: DSxxxxx Rev. 1 - 0
9 of 17
www.diodes.com
February 2013
© Diodes Incorporated
PAM8001
A Product Line of
Diodes Incorporated
Typical Operating Characteristics (cont.) (@TA = +25°C, unless otherwise specified.)
Table 1 DC Volume Control
STEP
Gain (dB)
STEP
Gain (dB)
0
-75
32
11.6
1
-40
33
12.0
2
-34
34
12.4
3
-28
35
12.8
4
-22
36
13.2
5
-16
37
13.6
6
-10
38
14.0
7
-7.5
39
14.4
8
-5.0
40
14.8
9
-2.5
41
15.2
10
0
42
15.6
11
1.5
43
16.0
12
3.0
44
16.4
13
4.0
45
16.8
14
4.4
46
17.2
15
4.8
47
17.6
16
5.2
48
18.0
17
5.6
49
18.4
18
6.0
50
18.8
19
6.4
51
19.2
20
6.8
52
19.6
21
7.2
53
20.0
22
7.6
54
20.4
23
8.0
55
20.8
24
8.4
56
21.2
25
8.8
57
21.6
26
9.2
58
22.0
27
9.6
59
22.4
28
10.0
60
22.8
29
10.4
61
23.2
30
10.8
62
23.6
31
11.2
63
24.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com