Electronic Components Datasheet Search
  English  ▼

X  

PAM8007 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PAM8007
Description  FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8007 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PAM8007 Datasheet HTML 8Page - Diodes Incorporated PAM8007 Datasheet HTML 9Page - Diodes Incorporated PAM8007 Datasheet HTML 10Page - Diodes Incorporated PAM8007 Datasheet HTML 11Page - Diodes Incorporated PAM8007 Datasheet HTML 12Page - Diodes Incorporated PAM8007 Datasheet HTML 13Page - Diodes Incorporated PAM8007 Datasheet HTML 14Page - Diodes Incorporated PAM8007 Datasheet HTML 15Page - Diodes Incorporated PAM8007 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PAM8007
Document number: DSxxxxx Rev. 1 - 2
12 of 17
www.diodes.com
October 2012
© Diodes Incorporated
PAM8007
A Product Line of
Diodes Incorporated
Application Information (cont.)
Over Temperature Protection
Thermal protection on the PAM8007 prevents the device from damage when the internal die temperature exceeds +150°C. There is a 15
degree tolerance on this trip point from device to device. Once the die temperature exceeds the thermal set point, the device outputs are
disabled. This is not a latched fault. The thermal fault is cleared once the temperature of the die is reduced by +30°C. This large hysteresis will
prevent motor boating sound well. The device begins normal operation at this point without external system interaction.
How to Reduce EMI (Elect ro Magnetic Interference)
A simple solution is to put an additional capacitor 1000µF at power supply terminal for power line coupling if the traces from amplifier to
speakers are short (<20CM).
Most applications require a ferrite bead filter as shown at Figure 1. The ferrite filter reduces EMI around 1MHz and higher. When selecting a
ferrite bead, choose one with high impedance at high frequencies, and low impedance at low frequencies (MH2012HM221-T).
Figure 1. Ferrite Bead Filter to Reduce EMI
PCB Layout Guidelines Grounding
At this stage it is paramount to notice the necessity of separate grounds. Noise currents in the output power stage need to be returned to output
noise ground and nowhere else. Were these currents to circulate elsewhere, they may get into the power supply, the signal ground, etc, worse
yet, they may form a loop and radiate noise. Any of these cases results in degraded amplifier performance. The logical returns for the output
noise currents associated with Class D switching are the respective PGND pins for each channel. The switch state diagram illustrates that
PGND is instrumental in nearly every switch state. This is the perfect point to which the output noise ground trace should return. Also note that
output noise ground is channel specific. A two channel amplifier has two seperate channels and consequently must have two seperate output
noise ground traces. The layout of the PAM8007 offers separate PGND connections for each channel and in some cases each side of the
bridge. Output noise grounds must be tied to system ground at the power in exclusively. Signal currents for the inputs, reference, etc need to be
returned to quite ground. This ground is only tied to the signal components and the GND pin, and GND then tied to system ground.
PCB Layout Example
Figure 2. Top Layer
Figure 3. Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com