Electronic Components Datasheet Search
  English  ▼

X  

PAM8010 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8010
Description  3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8010 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8010 Datasheet HTML 1Page - Diodes Incorporated PAM8010 Datasheet HTML 2Page - Diodes Incorporated PAM8010 Datasheet HTML 3Page - Diodes Incorporated PAM8010 Datasheet HTML 4Page - Diodes Incorporated PAM8010 Datasheet HTML 5Page - Diodes Incorporated PAM8010 Datasheet HTML 6Page - Diodes Incorporated PAM8010 Datasheet HTML 7Page - Diodes Incorporated PAM8010 Datasheet HTML 8Page - Diodes Incorporated PAM8010 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PAM8010
Document number: DSxxxxx Rev. 1 - 0
1 of 17
www.diodes.com
November 2012
© Diodes Incorporated
PAM8010
A Product Line of
Diodes Incorporated
3W STEREO CLASS-D with
DC VOLUME, HEADPHONE and POWER LIMIT
Description
The PAM8010 is a 3W, Class-D audio amplifier with headphone
amplifier. Advanced 64-step DC volume control minimizes external
components and allows speaker volume control and headphone
volume control.
Integrated power limit technology which suppresses the output signal
clip automatically due to the over level input signal. It offers low
THD+N to produce high-quality sound reproduction.
PAM8010 has an additional noise reduction circuit which achieves
12dB nosie attenuation. This circuit may help eliminate external
filtering, thereby saving the board space and component cost.
The PAM8010 features SCP (short circuit protection), OTP and
thermal shutdown.
The PAM8010 is available in SSOP-24 and SOP-24 package.
Features
3W Output at 10% THD with a 4 Load and 5V Power Supply
Filterless, Low Quiescent Current and Low EMI
Low THD+N
Power Limit Function to Protect Speaker when Occuring Large
Input, 5% Power Limit Accuracy
64-Step DC Volume Control from -45dB to +24dB
Headphone Output Function
12dB Effective Noise Reduction
Superior Low Noise: 30uV
Minimize Pop/Clip Noise
High Efficiency up to 90%
Auto Recovery Short Circuit Protection
Thermal Shutdown
Pb-Free Package
Pin Assignments
Applications
LCD Monitors / TV Projectors
Notebook/All-in-one Computers
Portable Speakers
Portable DVD Players, Game Machines


Similar Part No. - PAM8010

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8010 PAM-PAM8010 Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
PAM8010DHR PAM-PAM8010DHR Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
PAM8010NHR PAM-PAM8010NHR Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
More results

Similar Description - PAM8010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PAM8010 PAM-PAM8010 Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Diodes Incorporated
PAM8008 DIODES-PAM8008 Datasheet
402Kb / 14P
3W STEREO CLASS-D with DC VOLUME, POWER LIMIT and ANTI-SATURATION
Rev 1
PAM8009 DIODES-PAM8009 Datasheet
665Kb / 12P
3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
Rev 1
PAM8603A DIODES-PAM8603A Datasheet
545Kb / 16P
ANTI-SATURATION FILTERLESS 3W CLASS-D STEREO AMPLIFIER WITH DC VOLUME CONTROL AND HEADPHONE OUTPUT
Rev 1
logo
Anpec Electronics Corop...
APA2604C ANPEC-APA2604C Datasheet
510Kb / 30P
3W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com