Electronic Components Datasheet Search
  English  ▼

X  

PAM8012 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8012
Description  MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8012 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8012 Datasheet HTML 1Page - Diodes Incorporated PAM8012 Datasheet HTML 2Page - Diodes Incorporated PAM8012 Datasheet HTML 3Page - Diodes Incorporated PAM8012 Datasheet HTML 4Page - Diodes Incorporated PAM8012 Datasheet HTML 5Page - Diodes Incorporated PAM8012 Datasheet HTML 6Page - Diodes Incorporated PAM8012 Datasheet HTML 7Page - Diodes Incorporated PAM8012 Datasheet HTML 8Page - Diodes Incorporated PAM8012 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PAM8012
Document number: DSxxxxx Rev. 1 - 3
1 of 14
www.diodes.com
October 2012
© Diodes Incorporated
PAM8012
A Product Line of
Diodes Incorporated
MONO 2.0W ANTI-SATURATION CLASS-D
AUDIO POWER AMPLIFIER with POWER LIMIT
Description
The PAM8012 is a 2.0W mono filterless class-D amplifier with high
PSRR and differential input that reduce noise.
Features like 90% efficiency and small PCB area make the PAM8012
Class-D amplifier ideal for cellular handsets. The filterless architecture
requires no external output filter, fewer external components, less
PCB area and lower system costs, and simplifies application design.
The PAM8012 features anti-saturation function which detect output
signal clip due to the over input level and keep the output non-
saturation automatically to get the excellent sound quality.
The maximum output power without clip can be set by one resistor at
PL pin that to prevent the speaker to be damaged.
The PAM8012 features short circuit protection and over temperature
protection.
The PAM8012 is available in tiny WCSP9 (1.3mm x 1.3mm) and
eMSOP10 packages.
Features
•
1.0W/2.0W @ <1% THD Output with a 8Ω/ 4Ω Load at 5V
Supply
•
Maximum Output Power Can Be Set by One External Resistor
•
Minimized ON/OFF Pop Noise
•
Superior Low Noise
•
High PSRR
•
Supply Voltage from 2.5V to 5.5V
•
Auto Recovering Short Circuit Protection
•
Over Temperature Protection
•
9 Ball, 1.3mm x 1.3mm, 0.4mm Pitch WCSP and eMSOP10
Packages
Applications
•
Wireless or Cellular Handsets and PDAs
•
Portable Navigation Devices
•
General Portable Audio Devices
Pin Assignments


Similar Part No. - PAM8012

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8012 PAM-PAM8012 Datasheet
346Kb / 13P
Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PAM8012AZN PAM-PAM8012AZN Datasheet
346Kb / 13P
Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PAM8012BSM PAM-PAM8012BSM Datasheet
346Kb / 13P
Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
More results

Similar Description - PAM8012

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8012 PAM-PAM8012 Datasheet
346Kb / 13P
Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
Mono, Class D Audio Power Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
Class-D Mono Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Jiaxing Heroic Technolo...
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
logo
Shenzhenshi YONGFUKANG ...
HT6872 YONGFUKANG-HT6872 Datasheet
610Kb / 12P
4.7W anti-cutting top mono Class D audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM2011 HMSEMI-HM2011 Datasheet
941Kb / 14P
4.7W Anti-cutting Mono Class D Audio Power Amplifier
HM8874 HMSEMI-HM8874 Datasheet
1Mb / 17P
10W anti-breaking sound mono Class D audio power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com