Electronic Components Datasheet Search
  English  ▼

X  

GD16571 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GD16571
Description  2.5 GBIT/S RETIMING LASER DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GD16571 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GD16571 Datasheet HTML 1Page - List of Unclassifed Manufacturers GD16571 Datasheet HTML 2Page - List of Unclassifed Manufacturers GD16571 Datasheet HTML 3Page - List of Unclassifed Manufacturers GD16571 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD16571 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD16571 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD16571 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Functional Details
GD16571 is a 2.5 Gbit/s laser driver with
an optional retiming of the data signal. It
is capable of driving high power laser di-
odes, typically having input impedance of
25 W, at a maximum modulation current
of 70 mA and a maximum pre-bias cur-
rent of 50 mA.
Data (DIN, DINQ) is input to GD16571
and retimed within a DFF clocked by an
external clock (CKIN, CKINQ). Optionally
the retiming may be bypassed controlled
by a select pin (CKSEL).
Both the differential data (DIN, DINQ)
and clock inputs (CKIN, CKINQ) are in-
ternally terminated to 50 W. Termination
is made with a 50 W resistor from the two
differential inputs to a common pin called
DINT and CKINT respectively. The input
sensitivity when driven with a single
ended signal is better than 150 mV on
both clock and data inputs.
The output pin (IOUT) is an open collec-
tor output designed for driving external
loads with 25 W characteristic imped-
ance. Because of the nature of an open
collector the output therefore may be re-
garded as a current switch, with infinite
output impedance. The characteristic im-
pedance through the package is approxi-
mately 25 W. Optimum performance of
GD16571 therefore is achieved if the out-
put is terminated into a 25 W impedance.
Figure 1. Application Diagram
The output modulation current is con-
trolled by the pin VMOD and can be con-
trolled in the range from 0 mA to 70 mA,
however the specifications is only valid in
the range from 5 mA to 70 mA. The out-
put voltage swing across the external
load may be varied accordingly. The
modulation current control on pin VMOD
is implemented as a current mirror and
therefore sinks a current proportional to
the modulation current. The current sink
into the VMOD pin is approximately 3/80
of the modulation current. Two additional
pins (VADJBUF and VADJEF) are avail-
able in order to optimise the performance
of the output signal quality, specifically
with respect to overshoot and under-
shoot. Typically best performance is ob-
tained if these pins are connected to
VMOD.
The pre-bias current is controlled by the
pin VPRE and can be controlled from
0 mA to 50 mA. The pre-bias current
control on pin VPRE is implemented as a
current mirror and therefore sinks a cur-
rent proportional to the pre-bias current.
The current sink into the VPRE pin is ap-
proximately 3/500 of the pre-bias current.
An important parameter for laser drivers
is voltage overshoot on the output pin
(IOUT), because it determines the extinc-
tion ratio. GD16571 has been designed
with special emphasis on achieving a
very small voltage overshoot. For
GD16571 the voltage overshoot is less
than 2 % across the full modulation cur-
rent range, when driving a 25 W load.
Similarly the voltage undershoot is less
than 5 %.
A mark-space monitor is provided
through the pins MARKP and MARKN.
These may be connected as shown in
the application diagram below, with a ca-
pacitor across the two outputs and a
comparator (or Op-amp) to determine the
mark density. Symmetry input (SYM) is
available which may be used to control
the mark-space ratio.
AC Coupled Output
When DC coupled the output swing will
be limited by IOUT output voltage speci-
fied to -2 V. For maximum output voltage
swing the output should be AC coupled.
Figure 2. AC Coupled Output
Data Sheet Rev.: 10
GD16571
Page 2 of 7
Input
Buffer
Input
Buffer
DIN/27
CKIN / 31
DINQ / 26
CKINQ / 32
DINT / 28
CKINT / 30
Differential or
Single-ended
Clock Signal
Differential or
Single-ended
Data Signal
Control Voltage from
Modulation Current
Control System
Control Voltage from
Pre-Bias Current
Control System
Laser Diode Equivalent
25 Input Impedance
W
MARKP / 7
VEEP / 18
IOUTN / 11, 12
IOUT / 13, 14
IPRE / 19
VPRE / 16
VMOD / 20
50
25
25
VDD
VDD
VDD
VDD
25
50
50
50
50
50
50
50
100n
100n
C
C
L
L
Negative
Supply
Ref.
+
-
100n
MARKN / 6
Modulation
Current
Control
Pre-Bias
Current
Control
Output
Driver
Mark/Space
Monitor
L1
220uH
L3
220uH
L2
IOUT
IOUTN
L4
100nF
100nF
25W
VDD
VDD
VDD
L1 and L3 = Siemens Chip
Inductors (B82432A1224K).
L2 and L4 = Siemens ferrite
cores B64290-A36-X33 with
8 turns of 0.22mm Cu-Wire.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com