Electronic Components Datasheet Search
  English  ▼

X  

DF12 Datasheet(PDF) 4 Page - Schurter Inc.

Part # DF12
Description  IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DF12 Datasheet(HTML) 4 Page - Schurter Inc.

  DF12 Datasheet HTML 1Page - Schurter Inc. DF12 Datasheet HTML 2Page - Schurter Inc. DF12 Datasheet HTML 3Page - Schurter Inc. DF12 Datasheet HTML 4Page - Schurter Inc. DF12 Datasheet HTML 5Page - Schurter Inc. DF12 Datasheet HTML 6Page - Schurter Inc. DF12 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Power Entry Modules with Line Filter
DF12
https://www.schurter.com /PG06
EMC Products
Diagrams
Standard version
Cx
L1
L2
Cy
Cy
2)
L’
PE’
N’
P1
P2
L
PE
N
1)
1) Line
2) Load
Medical version (M5)
Cx
L1
L2
R
2)
L’
PE’
N’
P1
P2
L
PE
N
1)
1) Line
2) Load
Attenuation Loss
- - - - 50
Ω differential mode _____ 50Ω common mode
Standard version
1 A
2 A
3 A
4 A
6 A
8 A
10 A
15 A
Medical version (M5)
1 A
2 A
3 A
4 A
6 A
8 A
10 A
15 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com